전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS5904 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPS5904
상세설명  OPTOISOLATED FEEDBACK AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5904 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPS5904 Datasheet HTML 4Page - Texas Instruments TPS5904 Datasheet HTML 5Page - Texas Instruments TPS5904 Datasheet HTML 6Page - Texas Instruments TPS5904 Datasheet HTML 7Page - Texas Instruments TPS5904 Datasheet HTML 8Page - Texas Instruments TPS5904 Datasheet HTML 9Page - Texas Instruments TPS5904 Datasheet HTML 10Page - Texas Instruments TPS5904 Datasheet HTML 11Page - Texas Instruments TPS5904 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TPS5904, TPS5904A
OPTOISOLATED FEEDBACK AMPLIFIERS
SOES016D − MAY 1995 − REVISED JANUARY 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
MECHANICAL DATA
DCS (R-PDSO-G8)
PLASTIC DUAL SMALL-OUTLINE OPTO COUPLER
4073327/B 01/98
Gage Plane
0.008 (0,20) NOM
0.030 (0,76) MIN
0.010 (0,25)
Seating Plane
5
0.260 (6,60)
0.055 (1,40)
0.045 (1,14)
4
0.240 (6,10)
8
1
0.370 (9,40)
0.390 (9,91)
0.092 (2,34) TYP
0.055 (1,40)
0.035 (0,89)
0.035 (0,89)
0.045 (1,14)
0.023 (0,58)
0.013 (0,33)
0.150 (3,81) MAX
0.020 (0,51) MAX
0.405 (10,29)
0.385 (9,78)
0.004 (0,10)
0.100 (2,54)
0
°−5°
NOTES: A. All linear dimensions are in inches(millimeters).
B. This drawing is subject to change without notice.


유사한 부품 번호 - TPS5904

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904A TI-TPS5904A Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results

유사한 설명 - TPS5904

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5910 TI-TPS5910 Datasheet
155Kb / 11P
[Old version datasheet]   TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com