전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS57160-Q1 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TPS57160-Q1
상세설명  1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57160-Q1 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS57160-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 10Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 11Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 12Page - Texas Instruments TPS57160-Q1_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
=0.83V
I
I(VSENSE)
90
100
110
120
130
140
0
20
40
60
V -InputVoltage-V
I
T =25 C,
V
=0.83V
J
I(VSENSE)
o
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
0.5
1
1.5
2
0
10
20
30
40
50
60
V -InputVoltage-V
I
T =25°C
J
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
V
-V
SENSE
V =12V,
T =25°C
I
J
100
105
110
115
120
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
TPS57160-Q1
www.ti.com
SLVSAP1E – DECEMBER 2010 – REVISED MARCH 2015
Typical Characteristics (continued)
Figure 13. SS/TR Discharge Current vs Junction
Figure 14. Switching Frequency vs VSENSE
Temperature
Figure 16. Shutdown Supply Current vs Input Voltage (VIN)
Figure 15. Shutdown Supply Current vs Junction
Temperature
Figure 18. VIN Supply Current vs Input Voltage
Figure 17. VIN Supply Current vs Junction Temperature
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS57160-Q1


유사한 부품 번호 - TPS57160-Q1_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results

유사한 설명 - TPS57160-Q1_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS54160 TI-TPS54160_15 Datasheet
2Mb / 57P
[Old version datasheet]   TPS54160 1.5-A, 60-V, Step-Down DC/DC Converter with Eco-mode?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com