전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60101 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60101
상세설명  REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60101 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS60101 Datasheet HTML 6Page - Texas Instruments TPS60101 Datasheet HTML 7Page - Texas Instruments TPS60101 Datasheet HTML 8Page - Texas Instruments TPS60101 Datasheet HTML 9Page - Texas Instruments TPS60101 Datasheet HTML 10Page - Texas Instruments TPS60101 Datasheet HTML 11Page - Texas Instruments TPS60101 Datasheet HTML 12Page - Texas Instruments TPS60101 Datasheet HTML 13Page - Texas Instruments TPS60101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TPS60100
REGULATED 3.3 V 200mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS213C − MAY 1999 − REVISED AUGUST 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
50
40
20
0
0
2.5
5
60
80
f − Frequency − MHz
FREQUENCY SPECTRUM
CONSTANT FREQUENCY MODE
90
7.5
10
70
30
10
V(SKIP) = 0 V
V(3V8) = 0 V
VIN = 2.4 V
IO = 100 mA
RBW = 300 Hz
Figure 22
40
20
0
0
2.5
5
60
100
f − Frequency − MHz
FREQUENCY SPECTRUM
PULSE-SKIP MODE
7.5
10
V(SKIP) = VIN
V(3V8) = 0 V
VIN = 2.4 V
IO = 100 mA
RBW = 300 Hz
80
Figure 23
50
20
10
0
0
2.5
5
60
70
f − Frequency − MHz
FREQUENCY SPECTRUM
CONSTANT FREQUENCY MODE
90
7.5
10
30
40
80
V(SKIP) = 0 V
V(3V8) = 0 V
VIN = 2.4 V
IO = 10 mA
RBW = 300 Hz
Figure 24
50
40
20
0
0
2.5
5
60
80
f − Frequency − MHz
FREQUENCY SPECTRUM
PULSE-SKIP MODE
90
7.5
10
70
30
10
V(SKIP) = VIN
V(3V8) = 0 V
VIN = 2.4 V
IO = 10 mA
RBW = 300 Hz
†TC = 25°C, VCOM = VSYNC = 0 V, CIN = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, unless otherwise noted
‡ Test circuit: TPS60100EVM−131


유사한 부품 번호 - TPS60101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60101 TI1-TPS60101 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI1-TPS60101 Datasheet
986Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI1-TPS60101 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

유사한 설명 - TPS60101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI1-TPS60101_16 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com