전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1585AMC15X 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN1585AMC15X
상세설명  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585AMC15X 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN1585AMC15X Datasheet HTML 4Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 5Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 6Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 7Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 8Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 9Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 10Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 11Page - Fairchild Semiconductor FAN1585AMC15X Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FAN1585A
PRODUCT SPECIFICATION
10
REV. 1.1.5 11/7/03
Mechanical Dimensions (continued)
3-Lead TO-263 Center Cut Package
A
.160
.190
4.06
4.83
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.020
.036
0.51
0.91
b2
.049
.051
1.25
1.30
c2
.045
.055
1.14
1.40
D
.340
.380
8.64
9.65
.380
.405
9.65
10.29
.100 BSC
E
e
L
.575
.625
14.61
15.88
.090
.110
2.29
2.79
.050
.070
1.27
1.78
α
L1
L2
L3
.055
1.40
.017
.019
0.43
0.78
R
0
°
8
°
0
°
8
°
Notes:
1. Dimensions are exclusive of mold flash and metal burrs.
2. Standoff-height is measured from lead tip with ref. to Datum -B-.
3. Foot length is measured with ref. to Datum -A- with lead surface
(at inner R).
4. Dimensiuon exclusive of dambar protrusion or intrusion.
5. Formed leads to be planar with respect to one another at seating
place -C-.
2.54 BSC
E
@PKG/
@HEATSINK
D
L2
L3
A
-C-
L
c2
L1
R (2 PLCS)
-A-
-B-
E-PIN
b2
b
e


유사한 부품 번호 - FAN1585AMC15X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1585AMC15X FAIRCHILD-FAN1585AMC15X Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

유사한 설명 - FAN1585AMC15X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com