전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB03-24-15D 데이터시트(PDF) 1 Page - Arch Electronics Corp.

부품명 SB03-24-15D
상세설명  Power Module for PCB Mountable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARCH [Arch Electronics Corp.]
홈페이지  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SB03-24-15D 데이터시트(HTML) 1 Page - Arch Electronics Corp.

  SB03-24-15D Datasheet HTML 1Page - Arch Electronics Corp. SB03-24-15D Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : B_5
update : 2016.05.12
Encapsulated DC-DC Converter
SB03 SERIES
3 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SB03-24-3.3S
SB03-24-5S
SB03-24-12S
SB03-24-15S
SB03-24-24S
SB03-24-5D
SB03-24-12D
SB03-24-15D
Max. Output Wattage (W)
3W
3.3W
4W
4W
4W
3W
4W
4W
Input Voltage (V.DC.)
(Note 3)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
Output Voltage (V.DC.)
3.3V / 900mA
5V / 660mA
12V / 330mA
15V / 267mA
24V / 166mA
5V / 300mA
12V /166mA
15V /133mA
Efficiency (at 12V.DC)
69%
72%
78%
76%
76%
73%
77%
75%
Model No.
SB03-48-3.3S
SB03-48-5S
SB03-48-12S
SB03-48-15S
SB03-48-24S
SB03-48-5D
SB03-48-12D
SB03-48-15D
Max. Output Wattage (W)
3W
3.3W
4W
4W
4W
3W
4W
4W
Input Voltage (V.DC.)
(Note 3)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
3.3V / 900mA
5V / 660mA
12V / 330mA
15V / 267mA
24V / 166mA
5V / 300mA
12V /166mA
15V /133mA
Efficiency (at 24V.DC)
68%
71%
77%
76%
76%
75%
79%
78%
Model No.
SB03-24-3.3S
SB03-48-3.3S
SB03-24-5S
SB03-48-5S
SB03-24-12S
SB03-48-12S
SB03-24-15S
SB03-48-15S
SB03-24-24S
SB03-48-24S
SB03-24-5D
SB03-48-5D
SB03-24-12D
SB03-48-12D
SB03-24-15D
SB03-48-15D
Max Output Wattage (W)
3W
3.3W
4W
4W
4W
3W
4W
4W
Input
Input Filter
 type
Voltage (V.DC.)
3.3
5
12
15
24
5
12
15
Voltage Accuracy
2%
Current (mA) max
900
660
330
267
166
300
166
133
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
3%
1%
1%
1%
1%
1%
1%
1%
Output
Ripple & Noise
<0.5% Vout +50mV max (Vp-p)
Over Power Protection
Works over 120% of rating and recovers automatically.
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (at Full Load)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.25 x 0.8 x 0.4 Inches ( 31.8 x 20.3 x 10.2 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
20 g
Physical
Cooling Method
Free-air convection
KEY FEATURES
 Power Module for PCB Mountable
 4:1 Wide Input Range
 Regulated Output
 Low Ripple and Noise
 3-Year Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.
3.If Input Voltage <10 VDC needs 1% Minimum Load.


유사한 부품 번호 - SB03-24-15D

제조업체부품명데이터시트상세설명
logo
Arch Electronics Corp.
SB03-24-15D ARCH-SB03-24-15D Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
More results

유사한 설명 - SB03-24-15D

제조업체부품명데이터시트상세설명
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com