전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EZPE50456MTA 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 EZPE50456MTA
상세설명  Plastic Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZPE50456MTA 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  EZPE50456MTA Datasheet HTML 1Page - Panasonic Semiconductor EZPE50456MTA Datasheet HTML 2Page - Panasonic Semiconductor EZPE50456MTA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
1
2
3
4
5
6
7
8
9
11
12
E
Z
P
E
Product code
Dielectric &
construction
Suffix
Rated voltage
Capacitance
Suffix
Pin type
10
TA
L
2-pin type
M
4-pin type
50
500 V.DC
80
800 V.DC
1B
1100 V.DC
1D
1300 V.DC
High safety, Self-healing and Self-protecting function built-in
Long product life, High reliability
Low loss, Low ESR
Flame retardant (Case and sealing resin)
RoHS directive compliant
For DC filtering, DC link circuit
Solar inverters
Wind power generation
Industrial power supplies
Inverter circuit in appliances (Air Conditioners etc.)
Dielectric
: Polypropylene film
Electrodes : Metallized dielectric with segmented pattern
Plastic case : UL94 V-0
Sealing
: UL94 V-0
Terminals
: Tinned wires, 2-pin and 4-pin versions
Construction
Metallized Polypropylene
Film Capacitor
Type : EZPE Series
Specifications
Category temperature range (TC)
1
−40 °C to +85 °C
Rated voltage(VR)
2
500 V.DC, 800 V.DC, 1100 V.DC, 1300 V.DC
(Derating of rated voltage by more than 70 °C
3)
Rated capacitance (CR)
500 V.DC
10 μF to 110 μF
800 V.DC
10 μF to 60 μF
1100 V.DC
10 μF to 40 μF
1300 V.DC
10 μF to 25 μF
Capacitance tolerance
±10 %
Withstanding DC voltage
Between terminals : Rated voltage. (V.DC)
×150 %, 10 s
Terminal to case : 2110 V.AC (50 Hz or 60 Hz), 10 s
Insulation resistance (CR)
CR
> 10000 Ω ∙ F (20 °C, 500 V.DC, 60 s)
✽1 : The temperature of capacitor surface (case)
✽2 : Use for DC voltage only
✽3 : Refer to the page of “DC voltage derating”
Features
Recommended applications
Explanation of part number
Feb. 2016
01


유사한 부품 번호 - EZPE50456MTA

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EZPE52296MTB PANASONIC-EZPE52296MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
EZPE52296MTB PANASONIC-EZPE52296MTB Datasheet
57Kb / 2P
   Plastic Film Capacitors
EZPE57126LTB PANASONIC-EZPE57126LTB Datasheet
57Kb / 2P
   Plastic Film Capacitors
More results

유사한 설명 - EZPE50456MTA

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com