전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60250RTET 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60250RTET
상세설명  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60250RTET 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS60250RTET Datasheet HTML 5Page - Texas Instruments TPS60250RTET Datasheet HTML 6Page - Texas Instruments TPS60250RTET Datasheet HTML 7Page - Texas Instruments TPS60250RTET Datasheet HTML 8Page - Texas Instruments TPS60250RTET Datasheet HTML 9Page - Texas Instruments TPS60250RTET Datasheet HTML 10Page - Texas Instruments TPS60250RTET Datasheet HTML 11Page - Texas Instruments TPS60250RTET Datasheet HTML 12Page - Texas Instruments TPS60250RTET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
APPLICATION INFORMATION
APPLICATION OVERVIEW
OPERATING PRINCIPLE
TPS60250
TPS60252
www.ti.com............................................................................................................................................................ SLVS769C – APRIL 2007 – REVISED APRIL 2008
Most of the current handsets fall into one of three categories. First is the clamshell design, with a main display on
the inside, a secondary display on the outside and a keypad backlight. Second is the bar design, with a main
display and a keypad backlight. Third is the slide type (slide-up and slide-down) design, with a main display and
two keypad banks (inside and outside). The TPS60250/2 are well suited for use in these three major phone
designs because the devices have 7 individually regulated white LED current paths that drive up to five white
LEDs in the main display and up to two white LEDs in sub display with regulated constant current for uniform
intensity. The main and sub display LED channels drive up to 25 mA and the auxiliary LED output (DM5) that
drives up to 80 mA can be assigned to keypad backlight, torch light, or low cost/weak camera flash application
using the I2C interface.
The TPS60250/2 circuits use only 4 external components: the input/output capacitors and 2 charge pump flying
capacitors. The few external components combined with the small 3mm
× 3mm QFN package provide for a small
total solution size. By combining independent control of three separate banks of backlight LEDs with low cost and
weak flash capability, the TPS60250/2 help designers minimize power consumption especially in the case of a
light load condition while reducing component count and package size.
Charge pumps are becoming increasingly attractive in battery-operated applications where board space and
maximum height of the converter are critical constraints. The major advantage of a charge pump is the use of
only capacitors as storage elements. The TPS60250/2 charge pumps provide regulated LED current from a 3 V
to 6 V input source. The devices operate in two modes. The 1
× mode, where the input is connected to the output
through a pass element, and a high efficiency 1.5
× charge pump mode. The IC maximizes power efficiency by
operating in 1
× and 1.5× modes as input voltage and LED current conditions require. The mode of operation is
automatically selected by comparing the forward voltage of the WLED plus the voltage of current sink for each
LED with the input voltage. The IC starts up in 1
× mode, and automatically transitions to 1.5× if the voltage at
any current sink input (DM_or DS_) falls below the 100 mV transition voltage. The IC returns to 1
× mode as the
input rises. Figure 13 provides a visual explanation of the 1
× to 1.5× transition.
In 1.5
× mode, the internal oscillator determines the charge/discharge cycles for the flying capacitors. During a
charge cycle, the flying capacitors are connected in series and charged up to the input voltage. After the on-time
of the internal oscillator expires, the flying capacitors are reconfigured to be in parallel and then connected in
series to the input voltage. This provides an output of 1.5
× the input voltage. After the off-time of the internal
oscillator expires, another charge cycle initiates and the process repeats.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS60250 TPS60252


유사한 부품 번호 - TPS60250RTET

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60250RTET TI-TPS60250RTET Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTET TI-TPS60250RTET Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTETG4 TI-TPS60250RTETG4 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

유사한 설명 - TPS60250RTET

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com