전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7307 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRF7307
상세설명  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7307 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRF7307 Datasheet HTML 2Page - International Rectifier IRF7307 Datasheet HTML 3Page - International Rectifier IRF7307 Datasheet HTML 4Page - International Rectifier IRF7307 Datasheet HTML 5Page - International Rectifier IRF7307 Datasheet HTML 6Page - International Rectifier IRF7307 Datasheet HTML 7Page - International Rectifier IRF7307 Datasheet HTML 8Page - International Rectifier IRF7307 Datasheet HTML 9Page - International Rectifier IRF7307 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF7307
Tape & Reel Information
SO-8
Dimensions are shown in millimeters (inches)
4.10 (.161)
3.90 (.154)
1.60 ( .062)
1.50 ( .059)
1.85 (.072)
1.65 (.065)
5.30 (.208)
5.10 (.201)
5.55 (.218)
5.45 (.215)
2.60 (.102)
1.50 (.059)
6.50 ( .255)
6.30 ( .248)
8.10 ( .318)
7.90 ( .311)
F EE D DIR ECT IO N
T ERM INAT IO N
N UM BE R 1
2.0 5 (.08 0)
1.9 5 (.07 7)
0.35 ( .013)
0.25 ( .010)
12.30 (.484)
11.70 (.461)
2.20 (.086)
2.00 (.079)
15.40 (.607)
11.90 (.469)
2
50.0 0
(1.969)
MIN.
18.40 (.724)
M AX
3
14.40 ( .566)
12.40 ( .448)
3
330.00
( 13.000)
MAX .
13.20 (.519)
12.80 (.504)
NO TE S:
1 C ON FO RM S T O E IA- 481- 1
2 INCLUDES F LANG E DIST O RT IO N @ OU TE R E DGE
3 D IME NS IO NS MEA SURE D @ HUB
4 C ON TRO LLING DIME NSIO N : MET RIC
1
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97


유사한 부품 번호 - IRF7307

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
IRF7307 UMW-IRF7307 Datasheet
491Kb / 9P
   Generation V Technology Ultra
logo
International Rectifier
IRF7307PBF IRF-IRF7307PBF Datasheet
282Kb / 10P
   HEXFET POWER MOSFET
IRF7307PBF IRF-IRF7307PBF Datasheet
287Kb / 10P
   GENERATION V TECHNOLOGY
logo
Infineon Technologies A...
IRF7307PBF INFINEON-IRF7307PBF Datasheet
287Kb / 10P
   Dual N and P Channel Mospet
10/7/04
logo
International Rectifier
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
   GENERATION V TECHNOLOGY
More results

유사한 설명 - IRF7307

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com