전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP26N60L 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP26N60L
상세설명  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP26N60L 데이터시트(HTML) 2 Page - International Rectifier

  IRFP26N60L Datasheet HTML 1Page - International Rectifier IRFP26N60L Datasheet HTML 2Page - International Rectifier IRFP26N60L Datasheet HTML 3Page - International Rectifier IRFP26N60L Datasheet HTML 4Page - International Rectifier IRFP26N60L Datasheet HTML 5Page - International Rectifier IRFP26N60L Datasheet HTML 6Page - International Rectifier IRFP26N60L Datasheet HTML 7Page - International Rectifier IRFP26N60L Datasheet HTML 8Page - International Rectifier IRFP26N60L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFP26N60L
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 12)
‚ Starting T
J = 25°C, L = 1.7mH, RG = 25Ω,
IAS = 26A, (See Figure 14a)
ƒ I
SD ≤ 26A, di/dt ≤ 719A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… C
oss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.33
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
210
250
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
50
µA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
0.8
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
13
–––
–––
S
Qg
Total Gate Charge
–––
–––
180
Qgs
Gate-to-Source Charge
–––
–––
61
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
85
td(on)
Turn-On Delay Time
–––
31
–––
tr
Rise Time
–––
110
–––
ns
td(off)
Turn-Off Delay Time
–––
47
–––
tf
Fall Time
–––
42
–––
Ciss
Input Capacitance
–––
5020
–––
Coss
Output Capacitance
–––
450
–––
Crss
Reverse Transfer Capacitance
–––
34
–––
pF
Coss eff.
Effective Output Capacitance
–––
230
–––
Coss eff. (ER)
Effective Output Capacitance
–––
170
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
h
–––
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
°C/W
RθJA
Junction-to-Ambient
h
–––
VDS = VGS, ID = 250µA
VDS = 600V, VGS = 0V
VDS = 480V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 16A
f
VGS = 30V
f = 1MHz, open drain
Conditions
VDS = 50V, ID = 16A
VGS = -30V
ID = 26A
VDS = 480V
VGS = 10V, See Fig. 7 & 15
f
VDD = 300V
ID = 26A
RG = 4.3Ω
VGS = 10V, See Fig. 11a & 11b
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
26
47
Max.
570
VGS = 0V,VDS = 0V to 480V
g
40
Max.
0.27
–––
† Rθ is measured at TJ approximately 90°C


유사한 부품 번호 - IRFP26N60L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP26N60L VISHAY-IRFP26N60L Datasheet
159Kb / 8P
   Power MOSFET
S-81264-Rev. B, 21-Jul-08
logo
Inchange Semiconductor ...
IRFP26N60L ISC-IRFP26N60L Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP26N60L VISHAY-IRFP26N60L Datasheet
226Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP26N60L VISHAY-IRFP26N60L Datasheet
220Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP26N60LPBF IRF-IRFP26N60LPBF Datasheet
206Kb / 9P
   HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
More results

유사한 설명 - IRFP26N60L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com