전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISD5100 데이터시트(PDF) 81 Page - Winbond

부품명 ISD5100
상세설명  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

ISD5100 데이터시트(HTML) 81 Page - Winbond

Back Button ISD5100 Datasheet HTML 77Page - Winbond ISD5100 Datasheet HTML 78Page - Winbond ISD5100 Datasheet HTML 79Page - Winbond ISD5100 Datasheet HTML 80Page - Winbond ISD5100 Datasheet HTML 81Page - Winbond ISD5100 Datasheet HTML 82Page - Winbond ISD5100 Datasheet HTML 83Page - Winbond ISD5100 Datasheet HTML 84Page - Winbond ISD5100 Datasheet HTML 85Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
ISD5100 – SERIES
Publication Release Date: October, 2003
- 81 -
Revision 0.2
ISD5108 Pad Coordinates
(with respect to die center in µm)
Pad
Pad Name
X Axis
Y Axis
VSSA
Analog Ground
1882.40
2820.65
RAC
Row Address Clock
1539.15
2820.65
INT
Interrupt
790.35
2820.65
XCLK
External Clock Input
478.55
2820.65
VCCD
Digital Supply Voltage
291.55
2820.65
VCCD
Digital Supply Voltage
76.15
2820.65
SCL
Serial Clock Line
-198.45
2820.65
A1
Address 1
-557.95
2820.65
SDA
Serial Data Address
-815.25
2820.65
A0
Address 0
-1366.45
2820.65
VSSD
Digital Ground
-1668.35
2820.65
VSSD
Digital Ground
-1839.95
2820.65
VSSA
Analog Ground
-1945.05
-2821.60
MIC+
Non-inverting Microphone Input
-1739.25
-2821.60
MIC-
Inverting Microphone Input
-1506.75
-2821.60
ANA OUT+
Non-inverting Analog Output
-1245.05
-2821.60
ANA OUT-
Inverting Analog Output
-910.85
-2821.60
ACAP
AGC/AutoMute Cap
-623.55
-2821.60
SP-
Speaker Negative
-127.75
-2821.60
VSSA
Analog Ground
205.85
-2821.60
VSSA
Analog Ground
295.85
-2821.60
SP+
Speaker Positive
629.45
-2821.60
VCCA
Analog Supply Voltage
963.05
-2821.60
VCCA
Analog Supply Voltage
1053.05
-2821.60
ANA IN
Analog Input
1260.35
-2821.60
AUX IN
Auxiliary Input
1525.95
-2821.60
AUX OUT
Auxiliary Output
1770.15
-2821.60


유사한 부품 번호 - ISD5100

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5100 NUVOTON-ISD5100 Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5100 NUVOTON-ISD5100_08 Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

유사한 설명 - ISD5100

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com