전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISD5100 데이터시트(PDF) 18 Page - Winbond

부품명 ISD5100
상세설명  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

ISD5100 데이터시트(HTML) 18 Page - Winbond

Back Button ISD5100 Datasheet HTML 14Page - Winbond ISD5100 Datasheet HTML 15Page - Winbond ISD5100 Datasheet HTML 16Page - Winbond ISD5100 Datasheet HTML 17Page - Winbond ISD5100 Datasheet HTML 18Page - Winbond ISD5100 Datasheet HTML 19Page - Winbond ISD5100 Datasheet HTML 20Page - Winbond ISD5100 Datasheet HTML 21Page - Winbond ISD5100 Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
ISD5100 – SERIES
- 18 -
OPCODE COMMAND BYTE TABLE
Pwr
Function Bits
Register Bits
OPCODE
HEX
PU
DAB
FN2
FN1
FN0
RG2
RG1
RG0
COMMAND BIT NUMBER
CMD
C7
C6
C5
C4
C3
C2
C1
C0
POWER UP
80
1
0
0
0
0
0
0
0
POWER DOWN
00
0
0
0
0
0
0
0
0
STOP (DO NOTHING) STAY ON
80
1
0
0
0
0
0
0
0
STOP (DO NOTHING) STAY OFF
00
0
0
0
0
0
0
0
0
LOAD CFG0
82
1
0
0
0
0
0
1
0
LOAD CFG1
83
1
0
0
0
0
0
1
1
RECORD ANALOG
90
1
0
0
1
0
0
0
0
RECORD ANALOG @ ADDR
91
1
0
0
1
0
0
0
1
PLAY ANALOG
A8
1
0
1
0
1
0
0
0
PLAY ANALOG @ ADDR
A9
1
0
1
0
1
0
0
1
MSG CUE ANALOG
B8
1
0
1
1
1
0
0
0
MSG CUE ANALOG @ ADDR
B9
1
0
1
1
1
0
0
1
ENTER DIGITAL MODE
C0
1
1
0
0
0
0
0
0
EXIT DIGITAL MODE
40
0
1
0
0
0
0
0
0
DIGITAL ERASE PAGE
D0
1
1
0
1
0
0
0
0
DIGITAL ERASE PAGE @ ADDR
D1
1
1
0
1
0
0
0
1
DIGITAL WRITE
C8
1
1
0
0
1
0
0
0
DIGITAL WRITE @ ADDR
C9
1
1
0
0
1
0
0
1
DIGITAL READ
E0
1
1
1
0
0
0
0
0
DIGITAL READ @ ADDR
E1
1
1
1
0
0
0
0
1
READ STATUS
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1. See section 7.2 on page 12 for details.


유사한 부품 번호 - ISD5100

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5100 NUVOTON-ISD5100 Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5100 NUVOTON-ISD5100_08 Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

유사한 설명 - ISD5100

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com