전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM26A 데이터시트(PDF) 2 Page - Diode Semiconductor Korea

부품명 BYM26A
상세설명  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYM26A 데이터시트(HTML) 2 Page - Diode Semiconductor Korea

  BYM26A Datasheet HTML 1Page - Diode Semiconductor Korea BYM26A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
BYM26A(Z) --- BYM26E(Z)
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD CURRENT, VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
0
2
0
25
50
75
100
125
150
175
1
3
4
5
S ingle P ha se
H a lf W ave 60H Z
R e sistiv e or
In d u ctiv e Load
0.3 75"(9 .5m m )Le ad Length
0.1
1.0
10
100
0.8
1.2
1.6
2.0
2.4
2.8
3.2
TJ=25
Pulse Width=300µs
0
15
10
20
50
30
40
10
10 0
50
8.3m s S ingle H alf
S in e-W a ve
TJ=25
f=1.0MHz
10
20
40
100
200
400
1000
0.1 0.2
0.4
1
2
4
10
40
100
20
Diode Semiconductor Korea
www.diode.kr


유사한 부품 번호 - BYM26A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYM26A PHILIPS-BYM26A Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
logo
Galaxy Semi-Conductor H...
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM26A LUGUANG-BYM26A Datasheet
163Kb / 2P
   Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Thinki Semiconductor Co...
BYM26A THINKISEMI-BYM26A Datasheet
3Mb / 2P
   2.3 Amperes Glass Passivated Ultra Fast Recovery Rectifier Diode
More results

유사한 설명 - BYM26A

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com