전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G00 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 74LVC2G00
상세설명  DUAL 2-INPUT NAND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G00 데이터시트(HTML) 1 Page - Diodes Incorporated

  74LVC2G00 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G00 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74LVC2G00
Document number: DS37926 Rev 1 - 2
1 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G00
DUAL 2-INPUT NAND GATE
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds.
Description
The 74LVC2G00 is a dual, two input NAND gate. Both gates have
push-pull outputs designed for operation over a power supply range
of 1.65V to 5.5V. The device is fully specified for partial power down
applications using IOFF. The IOFF circuitry disables the output,
preventing damaging current backflow when the device is powered
down. Each gate performs the positive Boolean function:
B
A
Y
or
B
A
Y
Features
Wide Supply Voltage Range from 1.65 to 5.5V
± 24mA Output Drive at 3.3V
CMOS Low Power Consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
Schmitt Trigger Action at all inputs makes the circuit tolerant
for slower input rise and fall times. The hysteresis is typically
100mV at VCC = 3.0V.
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Ha
logen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1A
1B
2Y
GND
2A
2B
1Y
VCC
(Top View)
1
2
3
4
5
6
7
8
X2-DFN2010-8
X2-DFN1410-8
X2-DFN1210-8
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide Array of Products Such as:
PCs, Networking, Notebooks, Netbooks, PDAs
Tablet Computers, E-readers
Computer Peripherals, Hard Drives, CD/DVD ROMs
TVs, DVDs, DVRs, Set Top Boxes
Cell Phones, Personal Navigation / GPS
MP3 Players, Cameras, Video Recorders


유사한 부품 번호 - 74LVC2G00

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
NXP Semiconductors
74LVC2G00 NXP-74LVC2G00 Datasheet
102Kb / 16P
   Dual 2-input NAND gate
Rev. 08-26 October 2009
logo
Nexperia B.V. All right...
74LVC2G00 NEXPERIA-74LVC2G00 Datasheet
302Kb / 20P
   Dual 2-input NAND gate
Rev. 16 - 20 June 2022
74LVC2G00-Q100 NEXPERIA-74LVC2G00-Q100 Datasheet
771Kb / 12P
   Dual 2-input NAND gate
logo
Panasonic Semiconductor
74LVC2G00DC PANASONIC-74LVC2G00DC Datasheet
91Kb / 16P
   Dual 2-input NAND gate
More results

유사한 설명 - 74LVC2G00

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com