전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G00HD4-7 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 74LVC2G00HD4-7
상세설명  DUAL 2-INPUT NAND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G00HD4-7 데이터시트(HTML) 5 Page - Diodes Incorporated

  74LVC2G00HD4-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G00HD4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74LVC2G00
Document number: DS37926 Rev 1 - 2
5 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G00
Operating Characteristics
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power Dissipation
Capacitance
f = 10MHz
19
19
20
22
pF
Package Characteristics
Symbol
Parameter
Package
Test Conditions
Min
Typ.
Max
Unit
θJA
Thermal Resistance Junction-
to-Ambient
X2-DFN2010-8
(Note 10)
313
°C/W
X2-DFN1410-8
321
X2-DFN1210-8
395
θJC
Thermal Resistance Junction-
to-Case
X2-DFN2010-8
(Note 10)
145
°C/W
X2-DFN1410-8
166
X2-DFN1210-8
236
Note:
10. Test condition for each package type: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Switching Characteristics
Typical Values at TA = +25°C and nominal voltages 1.8V, 2.5V, 2.7V, 3.3V, and 5.0V. See Figure 1.
Parameter
From
Input
To
Output
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
tpd
A or B
Y
1.8V ± 0.15V
1.2
3.5
8.6
1.2
10.8
ns
2.5V ± 0.2V
0.7
2.3
4.8
0.7
6.0
2.7V
0.7
3.0
5.6
0.7
7.0
3.3V ± 0.3V
0.7
2.2
4.3
0.7
5.4
5.0V ± 0.5V
0.5
1.8
3.3
0.5
4.2


유사한 부품 번호 - 74LVC2G00HD4-7

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
NXP Semiconductors
74LVC2G00 NXP-74LVC2G00 Datasheet
102Kb / 16P
   Dual 2-input NAND gate
Rev. 08-26 October 2009
logo
Nexperia B.V. All right...
74LVC2G00 NEXPERIA-74LVC2G00 Datasheet
302Kb / 20P
   Dual 2-input NAND gate
Rev. 16 - 20 June 2022
74LVC2G00-Q100 NEXPERIA-74LVC2G00-Q100 Datasheet
771Kb / 12P
   Dual 2-input NAND gate
logo
Panasonic Semiconductor
74LVC2G00DC PANASONIC-74LVC2G00DC Datasheet
91Kb / 16P
   Dual 2-input NAND gate
More results

유사한 설명 - 74LVC2G00HD4-7

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com