전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G86HK3-7 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 74LVC2G86HK3-7
상세설명  DUAL 2-INPUT EXCLUSIVE-OR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G86HK3-7 데이터시트(HTML) 2 Page - Diodes Incorporated

  74LVC2G86HK3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G86HK3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74LVC2G86
Document number: DS37931 Rev 1 - 2
2 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G86
Ordering Information (Note 4)
74LVC2G
86
XXX
-7
Logic Device
Function
Package
Packing
74 : Logic Prefix
86 :
2-Input
HD4 : X2-DFN2010-8
-
7 : 7” Tape & Reel
LVC : 1.65V to 5.5V
EXCLUSIVE-OR
HK3 : X2-DFN1410-8
Logic Family
Gate
RA3 : X2-DFN1210-8
2G : Dual Gate
Device
Package
Code
Package
(Note 5)
Package
Size
7” Tape and Reel (Note 6)
Quantity
Part Number
Suffix
74LVC2G86HD4-7
HD4
X2-DFN2010-8
1.95mm x 1.0mm x 0.4mm
0.5 mm lead pitch
5,000/Tape & Reel
-7
74LVC2G86HK3-7
HK3
X2-DFN1410-8
1.35mm x 1.0mm x 0.35mm
0.4 mm lead pitch
5,000/Tape & Reel
-7
74LVC2G86RA3-7
RA3
X2-DFN1210-8
1.2mm x 1.0mm x 0.35mm
0.3 mm lead pitch
5,000/Tape & Reel
-7
Notes:
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5. Pad layout as shown in Diodes Inc
orporated’s package outline PDFs, which can be found on our website at http://www.diodes.com/package-
outlines.html.
6. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf.
Pin Descriptions
Pin Name
Pin No.
Description
1A
1
Data Input
1B
2
Data Input
2Y
3
Data Output
GND
4
Ground
2A
5
Data Input
2B
6
Data Input
1Y
7
Data Output
VCC
8
Supply Voltage
Logic Diagram
1A
1B
7
1Y
1
2
2A
2B
3
2Y
5
6
Function Table
Inputs
Output
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L


유사한 부품 번호 - 74LVC2G86HK3-7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74LVC2G86DC PHILIPS-74LVC2G86DC Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
More results

유사한 설명 - 74LVC2G86HK3-7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com