전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G126 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 74LVC2G126
상세설명  DUAL BUFFER GATE WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G126 데이터시트(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC2G126 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G126 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74LVC2G126
Document number: DS37933 Rev. 2 - 2
6 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G126
Parameter Measurement Information
RL
RL
CL
(see Note A)
From Output
Under Test
VLOAD
Open
GND
S1
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
VCC
Inputs
VM
VLOAD
CL
RL
V∆
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
2 x VCC
30pF
1k
Ω
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2 x VCC
30pF
500Ω
0.15V
2.7V
2.7V
≤2.5ns
1.5V
6V
50pF
500Ω
0.3V
3.3V±0.3V
3V
≤2.5ns
1.5V
6V
50pF
500Ω
0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2 x VCC
50pF
500Ω
0.3V
Input
tW
VM
VM
Vl
0 V
Voltage Waveform Pulse Duration
Output
Control
VM
VM
Vl
0 V
tPZL
tPZH
VM
VLOAD/2
VM
tPHZ
VOH
VOL
VOH - V
Output
Waveform 1
S1 at VLOAD
(see Note B)
VOL + V
Output
Waveform 2
S1 at GND
(see Note B)
tPLZ
0V
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Input
VM
VM
Vl
0 V
tPHL
tPLH
tPHL
VM
VM
VM
tPLH
VOH
VOL
VOH
VOL
Output
Output
VM
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition ra
te ≤ 10MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLZ and tPHZ are the same as tdis.
E. tPZL and tPZH are the same as ten.
F. tPLH and tPHL are the same as tpd.


유사한 부품 번호 - 74LVC2G126

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G126 NXP-74LVC2G126 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
logo
Nexperia B.V. All right...
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
74LVC2G126-Q100 NEXPERIA-74LVC2G126-Q100 Datasheet
212Kb / 12P
   Bus buffer/line driver; 3-state
More results

유사한 설명 - 74LVC2G126

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC2G125 DIODES-74LVC2G125 Datasheet
509Kb / 11P
   DUAL BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G126 UTC-U74LVC2G126 Datasheet
173Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com