전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST-IPM-2350 데이터시트(PDF) 1 Page - Red Lion Controls. Inc

부품명 ST-IPM-2350
상세설명  Industrial RTU
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  REDLION [Red Lion Controls. Inc]
홈페이지  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ST-IPM-2350 데이터시트(HTML) 1 Page - Red Lion Controls. Inc

  ST-IPM-2350 Datasheet HTML 1Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SixTRAK® IPm
Sixnet Automation Devices
Industrial RTU
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0229 071713 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
Sixnet Technology Park 331 Ushers Road Ballston Lake, NY 12019 USA
1.518.877.5173 Fax 1.518.877.8346 sales@sixnet.com
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
SixTRAK ® IPmTM
The Ultimate Process Controller with the Power of Open LINUX Software
ST-IPM
PRODUCT HIGHLIGHTS
Process Control, SCADA, & DCS
A modular and scalable automation solution
Your choice of open programming
IEC 61131 open and high level C++ programming
Limitless multi-user connectivity
Telephone, Internet, and wireless telemetry
Dual Ethernet Networks
Two unique IP addresses for redundant networking
Advanced industrial capabilities
Redundancy, datalogging, peer to peer links
True open system design
Ethernet TCP, Modbus, LINUX, OPC, and more
Small to large applications
Scalable from 1 to 1,000+ stations
Unlimited I/O expansion
Grow from a few points to more than 50,000
Embedded LINUX Open Source Software
Web servers, custom com drivers & much more
An OEM’s Dream Platform
Add your own LINUX applications
PERFORMANCE SPECIFICATIONS
Industrial PowerPC (32 bit data bus)
Operating system embedded LINUX
Dynamic memory (RAM) 16+ Megabytes - 32bit; 0
wait states
Program memory (Flash) 16+ Megabytes
Datalogging memory (RAM) 512K or 2 MB (battery-
backed)
Maximum local I/O 640
Maximum distributed I/O 50,000+ (application dependent)
Datalogging support Sixnet Sixlog
IEC 61131 programming Sixnet ISaGRAF
High Level C programming LINUX open software
ETHERNET PORTS (All)
10/100BaseTx (auto-detecting)
Connection RJ45 (auto-crossover)
Protocols TCP/IP, ARP, UDP, ICNP, DHCP, Modbus/TCP,
Sixnet, and more
Independent networks 2 w/ unique MAC and IP addresses
Network port 1 - (1) shielded RJ45 connector
Network port 2 - (4) shielded RJ45 connectors (linked
via integrated Ethernet switch)
PRODUCT DATASHEET
All specifications are subject to change. Consult factory for latest info.
SERIAL PORTS
Up to 115,200 baud
RS232 Port A RJ45 (TD, RD, CTS, RTS, CD,TR, DSR, GND)
RS232 Port B RJ45 (TD, RD, CTS, RTS, CD, DTR, DSR,
GND)
RS485 Port C Screws (485+, 485-, GND) (2-wire half-
duplex)
Protocols (master or slave) Sixnet & ModbusRTU/ASCII;
Many others available in LINUX
Flow control - hardware, software, half/full-duplex
modem
ENVIRONMENTAL
DIN rail or flat panel mount
Input power 10-30 VDC
Input current 150 mA @ 24 VDC (typical)
Temperature -40 to 70°C (-40 to 85°C storage)
Humidity 5% to 95% RH (non-condensing)
Flammability UL 94V-0 materials
Electrical Safety UL 508, CSA C22.2/14; EN61010-1
(IEC1010); CE
EMI emissions FCC part 15, ICES-003, Class A;
EN55022; EN61326-1; CE
EMC immunity EN61326-1 (EN61000-4-2,3,4,6); CE
Surge withstand IEEE-472 (ANSI C37.90)
Vibration IEC68-2-6
Hazardous locations UL 1604, CSA C22.2/213, (Class 1,
Div 2, Groups A,B,C,D) Cenelec EN50021 Zone 2
Marine/offshore tested and/or verified to meet various
marine and maritime standards
ORDERING GUIDE
Static RAM
Dyn RAM
Flash
ST-IPM-1350
-
512K
16 MB
16 MB
ST-IPM-2350
-
2 MB
16 MB
16 MB
ST-IPM-6350
-
2 MB
64 MB
128 MB
Datasheet ST-IPM
Rev. April 15, 2009


유사한 부품 번호 - ST-IPM-2350

제조업체부품명데이터시트상세설명
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-025BH SOBERTON-ST-025BH Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results

유사한 설명 - ST-IPM-2350

제조업체부품명데이터시트상세설명
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
   Industrial RTU
VT-IPM2M-113-D REDLION-VT-IPM2M-113-D Datasheet
400Kb / 2P
   Industrial RTU
VT-MIPM-131-D REDLION-VT-MIPM-131-D Datasheet
738Kb / 2P
   Industrial RTU
logo
List of Unclassifed Man...
T0050104999 ETC2-T0050104999 Datasheet
354Kb / 2P
   RTU 004 C MS
T0050105199 ETC2-T0050105199 Datasheet
351Kb / 2P
   RTU 016 C MS
T0050105099 ETC2-T0050105099 Datasheet
351Kb / 2P
   RTU 008 C MS
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
   Wireless Modbus RTU Gateway
APAX-5522PE ADVANTECH-APAX-5522PE_15 Datasheet
161Kb / 1P
   Linux based RTU Controller
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
   Wireless Modbus RTU Gateway
20-Sep-2016
logo
Pepperl+Fuchs Inc.
LB8107H0706 PF-LB8107H0706 Datasheet
582Kb / 4P
   Com Unit for MODBUS RTU
2020-04-30
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com