전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H100 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC10H100
상세설명  Quad 2 - input NOR GATE With strobe
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H100 데이터시트(HTML) 2 Page - ON Semiconductor

  MC10H100 Datasheet HTML 1Page - ON Semiconductor MC10H100 Datasheet HTML 2Page - ON Semiconductor MC10H100 Datasheet HTML 3Page - ON Semiconductor MC10H100 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H100
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
–8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current – Continuous
– Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range – Plastic
– Ceramic
–55 to +150
–55 to +165
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note 1.)
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
29
26
29
mA
IinH
Input Current High
Pin 9
All Other Inputs
900
500
560
310
560
310
µA
IinL
Input Current Low
0.5
0.5
0.3
µA
VOH
High Output Voltage
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
VOL
Low Output Voltage
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
VIH
High Input Voltage
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
VIL
Low Input Voltage
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
tpd
Propagation Delay
Pin 9 Only
Exclude Pin 9
0.65
0.4
1.6
1.3
0.7
0.45
1.7
1.35
0.7
0.5
1.8
1.5
ns
tr
Rise Time
0.5
2.0
0.5
2.1
0.5
2.2
ns
tf
Fall Time
0.5
2.0
0.5
2.1
0.5
2.2
ns
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Ifpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts.


유사한 부품 번호 - MC10H100

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H100 ONSEMI-MC10H100 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10H100FN MOTOROLA-MC10H100FN Datasheet
539Kb / 7P
   DUAL 6-4 INPUT PARITY CHECKER
MC10H100FN MOTOROLA-MC10H100FN Datasheet
535Kb / 7P
   DUAL 5-BIT PARITY CHECKER
MC10H100FN MOTOROLA-MC10H100FN Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
MC10H100FN MOTOROLA-MC10H100FN Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
More results

유사한 설명 - MC10H100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
10100 PHILIPS-10100 Datasheet
169Kb / 4P
   Quad 2-Input NOR Gate with Strobe
June 14 1990
logo
ON Semiconductor
MC10H100 ONSEMI-MC10H100_06 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com