전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901QS14-13 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 LM2901QS14-13
상세설명  AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2901QS14-13 데이터시트(HTML) 3 Page - Diodes Incorporated

  LM2901QS14-13 Datasheet HTML 1Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 2Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 3Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 4Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 5Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 6Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 7Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 8Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM2901Q/LM2901AQ/LM2903Q/LM2903AQ
Document number: DS37814 Rev. 2 - 2
3 of 19
www.diodes.com
June 2016
© Diodes Incorporated
LM2901Q/ LM2901AQ/
LM2903Q/ LM2903AQ
Absolute Maximum Ratings (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
36
V
VID
Differential Input Voltage
36
V
VIN
Input Voltage
-0.3 to +36
V
IIN
Input Current (VIN < -0.3V)
50
mA
VO
Output Voltage
36
V
IO
Output Current
20
mA
Duration of Output Short Circuit to Ground (Note 6)
Unlimited
θJA
Package Thermal Impedance
(Note 7)
LM2903_QS-13
150
°C/W
LM2903_QTH-13
175
LM2903_QM8-13
200
LM2901_QS14
89
LM2901_QT14
100
TA
Operating Temperature Range
-40 to +125
°C
TJ
Operating Junction Temperature
+150
°C
TST
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
+260
°C
Notes:
5. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only; functional
operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
6. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
7. Maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is
PD = (TJ(MAX) − TA)/θJA. Operating at the absolute maximum TJ of +150°C can affect reliability.
ESD Ratings
Human Body Mode ESD Protection (Note 8)
LM2901_QS14
500
V
LM2901_QT14
500
LM2903_QS-13
500
LM2903_QTH-13
500
LM2903_QM8-13
<500
Charge Device Mode ESD Protection
LM2901_QS14
1,000
LM2901_QT14
LM2903_QS-13
LM2903_QTH-13
LM2903_QM8-13
Note
:
8. Human body model, 1.5k
Ω in series with 100pF.
Recommended Operating Conditions (Over Operating Free-Air Temperature Range, unless otherwise noted.)
Parameter
Min
Max
Units
Supply Voltage
Single Supply
2
36
V
Dual Supply
±1
±18
Ambient Temperature Range
-40
+125
°C
Junction Temperature Range
-40
+125


유사한 부품 번호 - LM2901QS14-13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
logo
Texas Instruments
LM2901QD TI-LM2901QD Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

유사한 설명 - LM2901QS14-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com