전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2904AQS-13 데이터시트(PDF) 10 Page - Diodes Incorporated

부품명 LM2904AQS-13
상세설명  AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2904AQS-13 데이터시트(HTML) 10 Page - Diodes Incorporated

Back Button LM2904AQS-13 Datasheet HTML 6Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 7Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 8Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 9Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 10Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 11Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 12Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 13Page - Diodes Incorporated LM2904AQS-13 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Document number: DS37815 Rev. 3 - 2
10 of 16
www.diodes.com
June 2016
© Diodes Incorporated
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Application Information (continued)
Power Supply Bypassing and Layout
The LM2902Q/04Qxx family operates from both single supply voltage range 3 to 36V, or dual supply voltage ±1.5V to ±18V.
As with any operation amplifier, proper supply bypassing is critical for low noise performance and high power supply rejection. For single supply
operation system, a minimum 0.1µF bypass capacitor should be recommended to place as close as possible between VCC pin and GND. For dual
supply operation, both the positive supply pin and negative supply pin should be bypassed to ground with a separate 0.1µF ceramic capacitor.
2.2µF tantalum capacitor can be added for better performance. Keep the length of leads and traces that connect capacitors between LM29xx power
supply pin and ground as short as possible.
Ordering Information
Part Number
Package
Code
Packaging
(Note 14)
13” Tape and Reel
Qualification
(Note 15)
Quantity
Part Number Suffix
LM2902QT14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2902AQT14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2902QS14-13
S14
SO-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2902AQS14-13
S14
SO-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2904QS-13
S
SO-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904AQS-13
S
SO-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904QTH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904AQTH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904QM8-13
M8
MSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904AQM8-13
M8
MSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
Notes:
14. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
15. LM2902Q/2904Q have been qualified to AEC-Q100 grade 1 and are
classified as “Automotive Compliant” which supports PPAP documentation.
See LM2902/2904 datasheet for commercial qualified versions.


유사한 부품 번호 - LM2904AQS-13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2904A ONSEMI-LM2904A Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
LM2904A ONSEMI-LM2904A Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM2904A ONSEMI-LM2904A Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
STMicroelectronics
LM2904A STMICROELECTRONICS-LM2904A Datasheet
612Kb / 24P
   Low-power dual operational amplifier
logo
Diodes Incorporated
LM2904A DIODES-LM2904A Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results

유사한 설명 - LM2904AQS-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com