전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2904AQM8-13 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 LM2904AQM8-13
상세설명  AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2904AQM8-13 데이터시트(HTML) 6 Page - Diodes Incorporated

Back Button LM2904AQM8-13 Datasheet HTML 2Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 3Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 4Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 5Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 6Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 7Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 8Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 9Page - Diodes Incorporated LM2904AQM8-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Document number: DS37815 Rev. 3 - 2
6 of 16
www.diodes.com
June 2016
© Diodes Incorporated
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Performance Characteristics
Input Voltage Range
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
18
20
Temperature (
oC)
Input Current
3
6
9
12
15
18
21
24
27
30
33
36
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Dual OPAs
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
T
A
=125
OC
Supply Voltage (V)
Supply Current vs. Supply Voltage (LM2904Q/4AQ)
-40
-25
-10
5
20
35
50
65
80
95
110
125
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC=5.0V
VCC=15V
VCC=30V
Dual OPAs
Temperature (
OC)
Supply Current vs. Temperature (LM2904Q/AQ)
3
6
9
12
15
18
21
24
27
30
33
36
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Quad OPAs
T
A
=-40
OC
T
A
=25
OC
T
A
=85
OC
T
A
=125
OC
Supply Voltage (V)
Supply Current vs. Supply Voltage (LM2902Q/AQ)
-40
-25
-10
5
20
35
50
65
80
95
110
125
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VCC=5.0V
VCC=15V
VCC=30V
Quad OPAs
Temperature (
OC)
Supply Current vs. Temperature (LM2902Q/AQ)


유사한 부품 번호 - LM2904AQM8-13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2904A ONSEMI-LM2904A Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
LM2904A ONSEMI-LM2904A Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM2904A ONSEMI-LM2904A Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
STMicroelectronics
LM2904A STMICROELECTRONICS-LM2904A Datasheet
612Kb / 24P
   Low-power dual operational amplifier
logo
Diodes Incorporated
LM2904A DIODES-LM2904A Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results

유사한 설명 - LM2904AQM8-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com