전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2315DS-T1 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI2315DS-T1
상세설명  P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2315DS-T1 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI2315DS-T1 Datasheet HTML 1Page - Vishay Siliconix SI2315DS-T1 Datasheet HTML 2Page - Vishay Siliconix SI2315DS-T1 Datasheet HTML 3Page - Vishay Siliconix SI2315DS-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si2315DS
Vishay Siliconix
Document Number: 70850
S-31990—Rev. C, 13-Oct-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
246
8
10
12
0
2
4
6
8
10
12
0
123
456
0
1
2
3
4
5
0
2468
10
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
VGS = 4.5 thru 2.5 V
25_C
TC = -55_C
Crss
Coss
Ciss
VDS = 6 V
ID = 3.5 A
VGS = 4.5 V
ID = 3.5 A
VGS = 4.5 V
VGS = 2.5 V
1, 0.5 V
125_C
1.5 V
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
VGS = 1.8 V
2 V
0
400
800
1200
1600
2000
0369
12


유사한 부품 번호 - SI2315DS-T1

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI2315DS-T1-E3 VBSEMI-SI2315DS-T1-E3 Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
SI2315DS-T1-GE3 VBSEMI-SI2315DS-T1-GE3 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SI2315DS-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2305DS VISHAY-SI2305DS Datasheet
54Kb / 4P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. C, 28-Dec-98
SI2305DS-T1-E3 VISHAY-SI2305DS-T1-E3 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
SI2305DS-T1 VISHAY-SI2305DS-T1 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
logo
Guangdong Kexin Industr...
KI2305DS KEXIN-KI2305DS Datasheet
49Kb / 2P
   P-Channel 1.25-W, 1.8-V (G-S) Mosfet
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com