전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4925BDY-E3 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI4925BDY-E3
상세설명  Dual P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4925BDY-E3 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI4925BDY-E3 Datasheet HTML 1Page - Vishay Siliconix SI4925BDY-E3 Datasheet HTML 2Page - Vishay Siliconix SI4925BDY-E3 Datasheet HTML 3Page - Vishay Siliconix SI4925BDY-E3 Datasheet HTML 4Page - Vishay Siliconix SI4925BDY-E3 Datasheet HTML 5Page - Vishay Siliconix SI4925BDY-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si4925BDY
Vishay Siliconix
www.vishay.com
4
Document Number: 72001
S-50366—Rev. C, 28-Feb-05
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
VDS − Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified
0
20
30
10
15
Single Pulse Power
Time (sec)
25
10−3
10−2
1
10
600
10−1
10−4
100
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
100
600
10
10−1
10−2
5
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
P(t) = 10
dc
0.1
IDM Limited
ID(on)
Limited
*rDS(on)
Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001


유사한 부품 번호 - SI4925BDY-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4925BDY VISHAY-SI4925BDY Datasheet
185Kb / 8P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4925BDY VISHAY-SI4925BDY_V01 Datasheet
185Kb / 8P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4925BDY-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com