전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA005-020-13-24 데이터시트(PDF) 2 Page - FutureWafer Tech Co.,Ltd

부품명 TA005-020-13-24
상세설명  0.5 ??2.0 GHz 24dBmAmplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
홈페이지  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

TA005-020-13-24 데이터시트(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  TA005-020-13-24 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd TA005-020-13-24 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TA005-002-13-24
REV.0_11/20/2008
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P2/2


유사한 부품 번호 - TA005-020-13-24

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA005-020-13-24 TRANSCOM-TA005-020-13-24 Datasheet
50Kb / 2P
   0.5 . 2.0 GHz 24dBmAmplifiers
More results

유사한 설명 - TA005-020-13-24

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA005-020-13-24 TRANSCOM-TA005-020-13-24 Datasheet
50Kb / 2P
   0.5 . 2.0 GHz 24dBmAmplifiers
TA005-020-15-15 TRANSCOM-TA005-020-15-15 Datasheet
50Kb / 2P
   0.5 ??2.0 GHz 15dBmAmplifiers
TA060-180-35-24 TRANSCOM-TA060-180-35-24 Datasheet
48Kb / 2P
   6.0 ??18.0 GHz 24dBmAmplifiers
logo
Tyco Electronics
AT-113 MACOM-AT-113_1 Datasheet
180Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
MAAPGM0053-DIE MACOM-MAAPGM0053-DIE Datasheet
339Kb / 5P
   Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
AT-109 MACOM-AT-109_1 Datasheet
186Kb / 3P
   Voltage Variable Absorptive Attenuator, 35dB 0.5 - 2.0 GHz
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-110 MACOM-AT-110_1 Datasheet
173Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
   GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com