전자부품 데이터시트 검색엔진 |
|
TDA1564TH 데이터시트(PDF) 17 Page - NXP Semiconductors |
|
TDA1564TH 데이터시트(HTML) 17 Page - NXP Semiconductors |
17 / 30 page 2004 Jan 27 17 Philips Semiconductors Preliminary specification High efficiency 2 × 25 W/4 Ω stereo car radio power amplifier TDA1564 handbook, full pagewidth MGW252 3 CIN 25 k Ω 60 k Ω 60 k Ω 60 k Ω 60 k Ω Vref OUT2 − OUT2 + 10 11 CSE 4 2 IN1 − 1 IN1 + OUT1 + OUT1 − 8 7 VP2 13 VP1 5 TDA1564J 10 µF 1000 µF 220 nF 220 nF IEC-60268 FILTER pink noise + − + − VP 16 IN2 − 17 IN2 + 220 nF 100 nF 100 nF 3.9 Ω 4 Ω 3.9 Ω 100 nF 100 nF 3.9 Ω 4 Ω 3.9 Ω 220 nF + − + − 220 nF 2200 µF signal ground power ground INTERFACE 612 14 15 MODE OC2 OC1 DIAG DIAG OFFSET MS 9 GND Vms Vlogic Rpu 22 µF 22 µF Fig.15 Test and application diagram for dissipation measurements with a music-like signal (pink noise). |
유사한 부품 번호 - TDA1564TH |
|
유사한 설명 - TDA1564TH |