전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1564TH 데이터시트(PDF) 19 Page - NXP Semiconductors

부품명 TDA1564TH
상세설명  High efficiency 2 X 25 W/4 stereo car radio power amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564TH 데이터시트(HTML) 19 Page - NXP Semiconductors

Back Button TDA1564TH Datasheet HTML 15Page - NXP Semiconductors TDA1564TH Datasheet HTML 16Page - NXP Semiconductors TDA1564TH Datasheet HTML 17Page - NXP Semiconductors TDA1564TH Datasheet HTML 18Page - NXP Semiconductors TDA1564TH Datasheet HTML 19Page - NXP Semiconductors TDA1564TH Datasheet HTML 20Page - NXP Semiconductors TDA1564TH Datasheet HTML 21Page - NXP Semiconductors TDA1564TH Datasheet HTML 22Page - NXP Semiconductors TDA1564TH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
2004 Jan 27
19
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
handbook, halfpage
MGW257
THD
+ N
(%)
10−2
10−1
1
10
10
102
103
104
105
f (Hz)
(1)
(2)
Fig.20 THD + noise as a function of frequency.
(1) Po =10W.
(2) Po =1W.
handbook, halfpage
20
24
28
26
22
MGW258
10
Gv
(dB)
102
103
104
105
f (Hz)
106
Fig.21 Voltage gain as a function of frequency.
handbook, halfpage
−120
−20
−100
−80
−60
−40
MGW259
10
102
103
104
105
f (Hz)
SVRR
(dB)
(1)
(2)
Fig.22 SVRR as a function of frequency.
(1) On/Mute.
(2) Standby.
handbook, halfpage
−120
−20
−100
−80
−60
−40
MGW260
10
102
103
104
105
f (Hz)
α
cs
(dB)
(1)
(2)
Fig.23 Channel separation as a function of
frequency.
(1) Po2 =10W.
(2) Po2 =1W.


유사한 부품 번호 - TDA1564TH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

유사한 설명 - TDA1564TH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
   2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com