전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1564TH 데이터시트(PDF) 27 Page - NXP Semiconductors

부품명 TDA1564TH
상세설명  High efficiency 2 X 25 W/4 stereo car radio power amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564TH 데이터시트(HTML) 27 Page - NXP Semiconductors

Back Button TDA1564TH Datasheet HTML 22Page - NXP Semiconductors TDA1564TH Datasheet HTML 23Page - NXP Semiconductors TDA1564TH Datasheet HTML 24Page - NXP Semiconductors TDA1564TH Datasheet HTML 25Page - NXP Semiconductors TDA1564TH Datasheet HTML 26Page - NXP Semiconductors TDA1564TH Datasheet HTML 27Page - NXP Semiconductors TDA1564TH Datasheet HTML 28Page - NXP Semiconductors TDA1564TH Datasheet HTML 29Page - NXP Semiconductors TDA1564TH Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
2004 Jan 27
27
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured.
Typical dwell time of the leads in the wave ranges from 3 to 4 seconds at 250
°C or 265 °C, depending on solder material
applied, SnPb or Pb-free respectively.
A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications.
MANUAL SOLDERING
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron
applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300
°C. When using a dedicated
tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320
°C.
Suitability of IC packages for wave, reflow and dipping soldering methods
Notes
1. For more detailed information on the BGA packages refer to the
“(LF)BGA Application Note” (AN01026); order a copy
from your Philips Semiconductors sales office.
2. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
3. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
4. Hot bar soldering or manual soldering is suitable for PMFP packages.
5. These transparent plastic packages are extremely sensitive to reflow soldering conditions and must on no account
be processed through more than one soldering cycle or subjected to infrared reflow soldering with peak temperature
exceeding 217
°C ± 10 °C measured in the atmosphere of the reflow oven. The package body peak temperature
must be kept as low as possible.
6. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder
cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side,
the solder might be deposited on the heatsink surface.
7. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
MOUNTING
PACKAGE(1)
SOLDERING METHOD
WAVE
REFLOW(2) DIPPING
Through-hole mount CPGA, HCPGA
suitable
suitable
DBS, DIP, HDIP, RDBS, SDIP, SIL
suitable(3)
−−
Through-hole-
surface mount
PMFP(4)
not suitable
not suitable
Surface mount
BGA, HTSSON..T(5), LBGA, LFBGA, SQFP,
SSOP-T(5), TFBGA, USON, VFBGA
not suitable
suitable
DHVQFN, HBCC, HBGA, HLQFP, HSO,
HSOP, HSQFP, HSSON, HTQFP, HTSSOP,
HVQFN, HVSON, SMS
not suitable(6)
suitable
PLCC(7), SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended(7)(8) suitable
SSOP, TSSOP, VSO, VSSOP
not recommended(9)
suitable
CWQCCN..L(11), PMFP(10), WQCCN32L(11)
not suitable
not suitable


유사한 부품 번호 - TDA1564TH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results

유사한 설명 - TDA1564TH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
   2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com