전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34262DR2G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC34262DR2G
상세설명  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262DR2G 데이터시트(HTML) 2 Page - ON Semiconductor

  MC34262DR2G Datasheet HTML 1Page - ON Semiconductor MC34262DR2G Datasheet HTML 2Page - ON Semiconductor MC34262DR2G Datasheet HTML 3Page - ON Semiconductor MC34262DR2G Datasheet HTML 4Page - ON Semiconductor MC34262DR2G Datasheet HTML 5Page - ON Semiconductor MC34262DR2G Datasheet HTML 6Page - ON Semiconductor MC34262DR2G Datasheet HTML 7Page - ON Semiconductor MC34262DR2G Datasheet HTML 8Page - ON Semiconductor MC34262DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MC34262, MC33262
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC + IZ)
30
mA
Output Current, Source or Sink (Note 1)
IO
500
mA
Current Sense, Multiplier, and Voltage Feedback Inputs
Vin
−1.0 to +10
V
Zero Current Detect Input
High State Forward Current
Low State Reverse Current
Iin
50
−10
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction−to−Air
D Suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 4)
MC34262
MC33262
TA
0 to + 85
− 40 to +105
°C
Storage Temperature
Tstg
− 65 to +150
°C
ESD Protection (Note 2)
Human Body Model ESD
Machine Model ESD
Charged Device Model ESD
HBM
MM
CDM
2000
200
2000
V
V
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum package power dissipation limits must be observed.
2. ESD protection per JEDEC JESD22−A114−F for HBM, per JEDEC JESD22−A115−A for MM, and per JEDEC JESD22−C101D for CDM.
This device contains latchup protection and exceeds 100 mA per JEDEC Standard JESD78.
ELECTRICAL CHARACTERISTICS (VCC = 12 V (Note 3), for typical values TA = 25°C, for min/max values TA is the operating
ambient temperature range that applies (Note 4), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA = 25°C
TA = Tlow to Thigh (VCC = 12 V to 28 V)
VFB
2.465
2.44
2.5
2.535
2.54
V
Line Regulation (VCC = 12 V to 28 V, TA = 25°C)
Regline
1.0
10
mV
Input Bias Current (VFB = 0 V)
IIB
− 0.1
− 0.5
mA
Transconductance (TA = 25°C)
gm
80
100
130
mmho
Output Current
Source (VFB = 2.3 V)
Sink (VFB = 2.7 V)
IO
10
10
mA
Output Voltage Swing
High State (VFB = 2.3 V)
Low State (VFB = 2.7 V)
VOH(ea)
VOL(ea)
5.8
6.4
1.7
2.4
V
OVERVOLTAGE COMPARATOR
Voltage Feedback Input Threshold
VFB(OV)
1.065 VFB
1.08 VFB
1.095 VFB
V
MULTIPLIER
Input Bias Current, Pin 3 (VFB = 0 V)
IIB
− 0.1
− 0.5
mA
Input Threshold, Pin 2
Vth(M)
1.05 VOL(EA)
1.2 VOL(EA)
V
3. Adjust VCC above the startup threshold before setting to 12 V.
4. Tlow =0°C for MC34262
Thigh = +85°C for MC34262
= −40°C for MC33262
= +105°C for MC33262.


유사한 부품 번호 - MC34262DR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34262DR2G ONSEMI-MC34262DR2G Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
More results

유사한 설명 - MC34262DR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com