전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5V330DR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5V330DR
상세설명  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5V330DR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TS5V330DR Datasheet HTML 7Page - Texas Instruments TS5V330DR Datasheet HTML 8Page - Texas Instruments TS5V330DR Datasheet HTML 9Page - Texas Instruments TS5V330DR Datasheet HTML 10Page - Texas Instruments TS5V330DR Datasheet HTML 11Page - Texas Instruments TS5V330DR Datasheet HTML 12Page - Texas Instruments TS5V330DR Datasheet HTML 13Page - Texas Instruments TS5V330DR Datasheet HTML 14Page - Texas Instruments TS5V330DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TS5V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS164A – MAY 2004 − REVISED MAY 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
RL = 150 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
DA
IN
EN
S1A
VEN
VIN
VCC
VBIAS
DB
RIN = 10 Ω
RL = 150 Ω
S1B
50
Ω†
† A 50-Ω termination resistor is needed for the network analyzer.
Figure 8. Test Circuit for Crosstalk (XTALK)
Crosstalk is measured at the output of the nonadjacent ON channel. For example, when VIN = 0, VEN = 0, and DA
is the input, the output is measured at S1B. All unused analog input (D) ports and output (S) ports are connected to
GND through 10-
Ω and 50-Ω pulldown resistors, respectively.
HP8753ES setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM


유사한 부품 번호 - TS5V330DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5V330DR TI-TS5V330DR Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DR TI-TS5V330DR Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRE4 TI-TS5V330DRE4 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRE4 TI-TS5V330DRE4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRG4 TI-TS5V330DRG4 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

유사한 설명 - TS5V330DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com