전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA78D15PI 데이터시트(PDF) 6 Page - KEC(Korea Electronics)

부품명 KIA78D15PI
상세설명  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D15PI 데이터시트(HTML) 6 Page - KEC(Korea Electronics)

  KIA78D15PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D15PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D15PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D15PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D15PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D15PI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2009. 2. 10
6/6
KIA78D25F/PI~78D15F/PI
Revision No : 8
JUNCTION TEMPERATURE T ( C)
0
-25
j
Fig.10 T - Iq
j
025
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
I =0.5A,ei=0.5V
V =4.2V(KIA78D25)
O
IN
rms
V =5.2V(KIA78D35)
IN
OUTPUT CURRENT I
(A)
V =5.2V(KIA78D35)
V =4.2V(KIA78D25)
C
=3.3
µF
0.1
20
IN
IN
ref
rms
O
f=120Hz,ei=0.5V
0.5
1.0
30
40
50
60
70
V =5.0V(KIA78D33)
IN
V =5.0V(KIA78D33)
IN
Fig. 13 IO - VO
0
OUTPUT CURRENT l
(A)
OUT
0
KIA78D05F
V
=10V
CC
1.0
2.0
2
4
6
8
Fig.11 f - R R
.
Fig.12 I - R R
O
.


유사한 부품 번호 - KIA78D15PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA78D15 KEC-KIA78D15 Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D15 KEC-KIA78D15 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78D15F KEC-KIA78D15F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D15F KEC-KIA78D15F Datasheet
67Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA78D15PI

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com