전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC3213T27 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KIC3213T27
상세설명  SEMICONDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213T27 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KIC3213T27 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213T27 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2013. 5. 28
3/9
KIC3213MF/T12~33
Revision No : 2
B
A
1
4
VIN
VOUT
GND
VEN
2
3
Pin No.
Symbol
Pin Description
1
VOUT
Regulator Output.
2
GND
Ground Pin.
3
VEN
Enable/Shutdown (Input) : CMOS compatible input.
Logic High : enable, logic low=shutdown. Do not leave open.
4
VIN
Supply Input.
Code
Contents
A
Device code & Series
B
Lot No.
Code
Contents
A
Device code & Series
B
Lot No.
Line up
Pin Description
UDFN1010-4 Package
4
5
VIN
VEN
1
VOUT
GND
NC
23
B
A
Pin No.
Symbol
Description
1
VIN
Supply Input.
2
GND
Ground Pin.
3
VEN
Enable/Shutdown (Input) : CMOS compatible input.
Logic High : enable, logic low=shutdown. Do not leave open.
4
NC
No Connection.
5
VOUT
Regulator Output.
TSV Package
Output
Voltage
UDFN1010-4 Package
TSV Package
Output
Voltage
UDFN1010-4 Package
TSV Package
Item
Marking
Item
Marking
Item
Marking
Item
Marking
1.2V
KIC3213MF12
9A
KIC3213T12
39A
2.3V
KIC3213MF23
9L
KIC3213T23
39L
1.3V
KIC3213MF13
9B
KIC3213T13
39B
2.4V
KIC3213MF24
9M
KIC3213T24
39M
1.4V
KIC3213MF14
9C
KIC3213T14
39C
2.5V
KIC3213MF25
9N
KIC3213T25
39N
1.5V
KIC3213MF15
9D
KIC3213T15
39D
2.6V
KIC3213MF26
9O
KIC3213T26
39O
1.6V
KIC3213MF16
9E
KIC3213T16
39E
2.7V
KIC3213MF27
9P
KIC3213T27
39P
1.7V
KIC3213MF17
9F
KIC3213T17
39F
2.8V
KIC3213MF28
9Q
KIC3213T28
39Q
1.8V
KIC3213MF18
9G
KIC3213T18
39G
2.9V
KIC3213MF29
9R
KIC3213T29
39R
1.9V
KIC3213MF19
9H
KIC3213T19
39H
3.0V
KIC3213MF30
9S
KIC3213T30
39S
2.0V
KIC3213MF20
9I
KIC3213T20
39I
3.1V
KIC3213MF31
9T
KIC3213T31
39T
2.1V
KIC3213MF21
9J
KIC3213T21
39J
3.2V
KIC3213MF32
9U
KIC3213T32
39U
2.2V
KIC3213MF22
9K
KIC3213T22
39K
3.3V
KIC3213MF33
9V
KIC3213T33
39V


유사한 부품 번호 - KIC3213T27

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF13 KEC-KIC3213MF13 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF14 KEC-KIC3213MF14 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF15 KEC-KIC3213MF15 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF16 KEC-KIC3213MF16 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
More results

유사한 설명 - KIC3213T27

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com