전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJWI20 데이터시트(PDF) 9 Page - Minmax Technology Co., Ltd.

부품명 MJWI20
상세설명  DC/DC CONVERTER 20W, Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINMAX [Minmax Technology Co., Ltd.]
홈페이지  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI20 데이터시트(HTML) 9 Page - Minmax Technology Co., Ltd.

Back Button MJWI20_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/10/15 REV:18
Page 9 of 10
®
Order Code Table
Standard
With heatsink
MJWI20-24S033
MJWI20-24S033-HS
MJWI20-24S05
MJWI20-24S05-HS
MJWI20-24S12
MJWI20-24S12-HS
MJWI20-24S15
MJWI20-24S15-HS
MJWI20-24S24
MJWI20-24S24-HS
MJWI20-24D12
MJWI20-24D12-HS
MJWI20-24D15
MJWI20-24D15-HS
MJWI20-48S033
MJWI20-48S033-HS
MJWI20-48S05
MJWI20-48S05-HS
MJWI20-48S12
MJWI20-48S12-HS
MJWI20-48S15
MJWI20-48S15-HS
MJWI20-48S24
MJWI20-48S24-HS
MJWI20-48D12
MJWI20-48D12-HS
MJWI20-48D15
MJWI20-48D15-HS


유사한 부품 번호 - MJWI20_15

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MJWI20-24D12 MINMAX-MJWI20-24D12 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
logo
Total Power Internation...
MJWI20-24D12 TOTAL-POWER-MJWI20-24D12 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
logo
Minmax Technology Co., ...
MJWI20-24D15 MINMAX-MJWI20-24D15 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
logo
Total Power Internation...
MJWI20-24D15 TOTAL-POWER-MJWI20-24D15 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
logo
Minmax Technology Co., ...
MJWI20-24S033 MINMAX-MJWI20-24S033 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
More results

유사한 설명 - MJWI20_15

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com