전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSAU411 데이터시트(PDF) 1 Page - Minmax Technology Co., Ltd.

부품명 MSAU411
상세설명  DC/DC CONVERTER 2W, SMD-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINMAX [Minmax Technology Co., Ltd.]
홈페이지  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU411 데이터시트(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU411 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU411 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU411 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU411 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSAU400 SERIES
DC/DC CONVERTER 2W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:9 Page 1 of 4
FEATURES
Industrial SMD Package
I/O Isolation 1000 VDC
Operating Ambient Temp. Range -40°C to +85°C
Water-washable Process Available
Qualified for Lead-free Reflow Solder Process
According to IPC/JEDEC J-STD-020D.1
Tape & Reel Package Available
PRODUCT OVERVIEW
The MINMAX MSAU400 series is a range of 2W DC/DC converters in a SMD- Package featuring I/O-isolation of 1000VDC.The small footprint makes this
product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, in digital interfaces or
where a converted voltage is required.
A high efficiency allows an operating temperature range of–40°C to +85°C(with derating). These converters are fully qualified for the higher temperature
profile used in lead-free reflow solder processes. For automated SMD production lines the product can also be supplied in tape& reel package.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Load
Regulation
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
μF
%
MSAU401
5
(4.5 ~ 5.5)
5
400
8
519
60
11
47
77
MSAU403
12
165
3
488
11
10
81
MSAU406
±5
±200
±4
519
12
10#
77
MSAU408
±12
±83
±1.5
504
7
4.7#
79
MSAU409
±15
±66
±1
501
7
4.7#
79
MSAU411
12
(10.8 ~ 13.2)
5
400
8
213
30
8
47
78
MSAU413
12
165
3
201
6
10
82
MSAU418
±12
±83
±1.5
202
5
4.7#
82
MSAU419
±15
±66
±1
201
5
4.7#
82
MSAU421
24
(21.6 ~ 26.4)
5
400
8
106
15
8
47
78
MSAU423
12
165
3
101
5
10
81
MSAU428
±12
±83
±1.5
102
5
4.7#
81
MSAU429
±15
±66
±1
100
5
4.7#
82
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
5V Input Models
4.5
5
5.5
VDC
12V Input Models
10.8
12
13.2
24V Input Models
21.6
24
26.4
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
24V Input Models
-0.7
---
30
Input Filter
All Models
Internal Capacitor


유사한 부품 번호 - MSAU411

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MSAU411 MINMAX-MSAU411 Datasheet
205Kb / 6P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU411 MINMAX-MSAU411 Datasheet
272Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU411 TOTAL-POWER-MSAU411 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
More results

유사한 설명 - MSAU411

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
   DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
   DC/DC CONVERTER 2W, SMD-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
   DC/DC CONVERTER 2W, SMD Package
logo
Delta Electronics, Inc.
SC02S DELTA-SC02S Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
logo
Delta Electronics, Inc.
SG02S DELTA-SG02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com