전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS90LV012A 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 DS90LV012A
상세설명  3V LVDS Single CMOS Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV012A 데이터시트(HTML) 6 Page - National Semiconductor (TI)

  DS90LV012A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications Information (Continued)
Fail-Safe Feature:
The LVDS receiver is a high gain, high speed device that
amplifies a small differential signal (20mV) to CMOS logic
levels. Due to the high gain and tight threshold of the re-
ceiver, care should be taken to prevent noise from appearing
as a valid signal.
The receiver’s internal fail-safe circuitry is designed to
source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for
floating, terminated or shorted receiver inputs.
1.
Open Input Pins. The DS90LV012A and DS90LT012A
are single receiver devices. Do not tie the receiver inputs
to ground or any other voltages. The input is biased by
internal high value pull up and pull down resistors to set
the output to a HIGH state. This internal circuitry will
guarantee a HIGH, stable output state for open inputs.
2.
Terminated Input. If the driver is disconnected (cable
unplugged), or if the driver is in a power-off condition,
the receiver output will again be in a HIGH state, even
with the end of cable 100
Ω termination resistor across
the input pins. The unplugged cable can become a
floating antenna which can pick up noise. If the cable
picks up more than 10mV of differential noise, the re-
ceiver may see the noise as a valid signal and switch. To
insure that any noise is seen as common-mode and not
differential, a balanced interconnect should be used.
Twisted pair cable will offer better balance than flat
ribbon cable.
3.
Shorted Inputs. If a fault condition occurs that shorts
the receiver inputs together, thus resulting in a 0V differ-
ential input voltage, the receiver output will remain in a
HIGH state. Shorted input fail-safe is not supported
across the common-mode range of the device (GND to
2.4V). It is only supported with inputs shorted and no
external common-mode voltage applied.
External lower value pull up and pull down resistors (for a
stronger bias) may be used to boost fail-safe in the presence
of higher noise levels. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and
waveform distortion to the driver. The common-mode bias
point should be set to approximately 1.2V (less than 1.75V)
to be compatible with the internal circuitry.
The DS90LV012A and DS90LT012A are compliant to the
original ANSI EIA/TIA-644 specification and is also compliant
to the new ANSI EIA/TIA-644-A specification with the excep-
tion the newly added
∆I
IN specification. Due to the internal
fail-safe circuitry,
∆I
IN cannot meet the 6µA maximum speci-
fied. This exception will not be relevant unless more than 10
receivers are used.
Additional information on fail-safe biasing of LVDS devices
may be found in AN-1194.
Probing LVDS Transmission Lines:
Always use high impedance (> 100k
Ω), low capacitance
(< 2 pF) scope probes with a wide bandwidth (1 GHz)
scope. Improper probing will give deceiving results.
Cables and Connectors, General Comments:
When choosing cable and connectors for LVDS it is impor-
tant to remember:
Use controlled impedance media. The cables and connec-
tors you use should have a matched differential impedance
of about 100
Ω. They should not introduce major impedance
discontinuities.
Balanced cables (e.g. twisted pair) are usually better than
unbalanced cables (ribbon cable, simple coax) for noise
reduction and signal quality. Balanced cables tend to gener-
ate less EMI due to field canceling effects and also tend to
pick up electromagnetic radiation a common-mode (not dif-
ferential mode) noise which is rejected by the receiver.
For cable distances < 0.5M, most cables can be made to
work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3
(category 3) twisted pair cable works well, is readily available
and relatively inexpensive.
Pin Descriptions
Package Pin Number
Pin Name
Description
SOT23
LLP
4
1
IN−
Inverting receiver input pin
3
3
IN+
Non-inverting receiver input pin
5
8
TTL OUT
Receiver output pin
16
V
DD
Power supply pin, +3.3V ± 0.3V
2
2, 7
GND
Ground pin
4, 5
NC
No connect
Ordering Information
Operating
Package Type/
Order Numbers
Temperature
Number
−40˚C to +85˚C
MF05A
DS90LV012ATMF, DS90LT012ATMF
LDA08A
DS90LV012ATLD, DS90LT012ATLD
www.national.com
6


유사한 부품 번호 - DS90LV012A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DS90LV012A TI1-DS90LV012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LV012A TI-DS90LV012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LV012A TI1-DS90LV012A Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV012AMDC TI1-DS90LV012AMDC Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV012ATLD NSC-DS90LV012ATLD Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results

유사한 설명 - DS90LV012A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com