전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM10P20-1400D 데이터시트(PDF) 2 Page - Analog Power

부품명 AM10P20-1400D
상세설명  P-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM10P20-1400D 데이터시트(HTML) 2 Page - Analog Power

  AM10P20-1400D Datasheet HTML 1Page - Analog Power AM10P20-1400D Datasheet HTML 2Page - Analog Power AM10P20-1400D Datasheet HTML 3Page - Analog Power AM10P20-1400D Datasheet HTML 4Page - Analog Power AM10P20-1400D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM10P20-1400D
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = -160 V, VGS = 0 V
-1
VDS = -160 V, VGS = 0 V, TJ = 55°C
-10
On-State Drain Current
a
ID(on)
VDS = -5 V, VGS = -10 V
-7.5
A
VGS = -10 V, ID = -1 A
1400
VGS = -5.5 V, ID = -0.8 A
1600
Forward Transconductance
a
gfs
VDS = -15 V, ID = -1 A
7
S
Diode Forward Voltage
a
VSD
IS = -5 A, VGS = 0 V
-0.75
V
Total Gate Charge
Qg
4
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
1.6
Turn-On Delay Time
td(on)
12
Rise Time
tr
8
Turn-Off Delay Time
td(off)
28
Fall Time
tf
16
Input Capacitance
Ciss
580
Output Capacitance
Coss
82
Reverse Transfer Capacitance
Crss
30
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
b
ns
Static
uA
Electrical Characteristics
IDSS
rDS(on)
nC
VDS = -100 V, RL = 100 Ω,
ID = -1 A,
VGEN = -10 V, RGEN = 6 Ω
VDS = -100 V, VGS = -5.5 V,
ID = -1 A
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = -15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AM10P20-1400D_1A


유사한 부품 번호 - AM10P20-1400D

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AM10P20-1400D AIC-AM10P20-1400D Datasheet
318Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results

유사한 설명 - AM10P20-1400D

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AM10P20-690D AIC-AM10P20-690D Datasheet
321Kb / 5P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI1419DH VISHAY-SI1419DH Datasheet
225Kb / 3P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 14-Mar-05
SI2327DS VISHAY-SI2327DS Datasheet
89Kb / 6P
   P-Channel 200-V (D-S) MOSFET
S-42448-Rev. A, 10-Jan-05
SI3475DV VISHAY-SI3475DV Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Analog Power
AM3413P ANALOGPOWER-AM3413P Datasheet
341Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM40P20-150PCFM ANALOGPOWER-AM40P20-150PCFM Datasheet
58Kb / 2P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI7119DN VISHAY-SI7119DN Datasheet
196Kb / 4P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 13-Nov-06
SI1419DH VISHAY-SI1419DH_08 Datasheet
97Kb / 6P
   P-Channel 200-V (D-S) MOSFET
Rev. B, 28-Feb-05
logo
Analog Power
AM90P20-170B ANALOGPOWER-AM90P20-170B Datasheet
361Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM30P20-500P ANALOGPOWER-AM30P20-500P Datasheet
404Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com