전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1203 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BF1203
상세설명  Dual N-channel dual gate MOS-FET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1203 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BF1203 Datasheet HTML 3Page - NXP Semiconductors BF1203 Datasheet HTML 4Page - NXP Semiconductors BF1203 Datasheet HTML 5Page - NXP Semiconductors BF1203 Datasheet HTML 6Page - NXP Semiconductors BF1203 Datasheet HTML 7Page - NXP Semiconductors BF1203 Datasheet HTML 8Page - NXP Semiconductors BF1203 Datasheet HTML 9Page - NXP Semiconductors BF1203 Datasheet HTML 10Page - NXP Semiconductors BF1203 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2001 Apr 25
7
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1203
handbook, halfpage
0
IG1 (µA)
10
50
16
12
4
0
8
20
30
40
MCD939
ID
(mA)
Fig.7
Drain current as a function of gate 1 current;
typical values.
Amplifier a
VDS = 5 V; VG2-S =4V.
Tj =25 °C.
handbook, halfpage
05
20
0
4
8
12
16
12
3
4
VGG (V)
ID
(mA)
MCD940
Fig.8
Drain current as a function of gate 1 supply
voltage (= VGG); typical values.
Amplifier a
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
RG1 =62kΩ (connected to VGG); see Fig.35.
handbook, halfpage
010
25
0
5
10
15
20
24
6
8
VGG = VDS (V)
ID
(mA)
MCD941
RG1 = 39 kΩ
47 k
56 k
62 k
68 k
82 k
100 k
Fig.9
Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
Amplifier a
VG2-S = 4 V; Tj =25 °C.
RG1 connected to VGG; see Fig.35.
handbook, halfpage
024
6
VG2-S (V)
ID
(mA)
20
0
16
12
8
4
MCD942
VGG = 5 V
4.5 V
4 V
3.5 V
3 V
Amplifier a
VDS = 5 V; Tj =25 °C.
RG1 =62kΩ (connected to VGG); see Fig.35.
Fig.10 Drain current as a function of gate 2
voltage; typical values.


유사한 부품 번호 - BF1203

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1203 NXP-BF1203 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1203 JMNIC-BF1203 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FETs
logo
CoolCox Limited All rig...
BF12032 COOLCOX-BF12032 Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12D COOLCOX-BF12032H12D Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
BF12032H12S COOLCOX-BF12032H12S Datasheet
399Kb / 1P
   DC Blower Fan 120x120x32mm
More results

유사한 설명 - BF1203

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com