전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX312T 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX312T
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
2003. 3. 11
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX312T
EPITAXIAL PLANAR PNP TRANSISTOR
SILICON EPITAXIAL PLANAR TYPE DIODE
Revision No : 1
GENERAL PURPOSE APPLICATION.
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
・Including two(TR, Diode) devices in TSV.
(Thin Super Mini type with 5 pin)
・Simplify circuit design.
・Reduce a quantity of parts and manufacturing process.
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
25
V
Reverse Voltage
VR
20
V
Average Forward Current
IO
1.0
A
Non-Repetitive Peak Surge current
IFSM
3
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55~125
EQUIVALENT CIRCUIT (TOP VIEW)
* Package mounted on a ceramic board (600
㎟×0.8㎜)
TRANSISTOR Q1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1.5
A
ICP
-3
A
Collector Power Dissipation
PC *
0.9
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~125
DIODE D1




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl