전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTX412T 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KTX412T
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX412T 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KTX412T Datasheet HTML 1Page - KEC(Korea Electronics) KTX412T Datasheet HTML 2Page - KEC(Korea Electronics) KTX412T Datasheet HTML 3Page - KEC(Korea Electronics) KTX412T Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2003. 3. 11
4/4
KTX412T
Revision No : 1
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
CBE
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.9
0.8
1.0
V
- I
C
COLLECTOR CURRENT I
(A)
BE(sat)
C
0.1
0.3
0.5
1
3
10
5
0.01
0.03
0.1
1
3
0.3
I /I =50
Ta=75 C
Ta=25 C
Ta=-25 C
CB
V
=2V
CE
COLLECTOR-BASE VOLTAGE V
(V)
CB
COLLECTOR CURRENT I
(A)
C
C
- V
ob
CB
30
1K
f
- I
T
C
50
100
300
500
0.01
0.03
0.1
1
3
0.3
V
=2V
f=1MHz
CE
3
100
5
10
30
50
13
5
30
10


유사한 부품 번호 - KTX412T

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTX411T KEC-KTX411T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX411TGR KEC-KTX411TGR Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX411TY KEC-KTX411TY Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results

유사한 설명 - KTX412T

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTX411T KEC-KTX411T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
logo
AUK corp
SUR510EF AUK-SUR510EF Datasheet
48Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
SUR542EF AUK-SUR542EF Datasheet
186Kb / 4P
   Epitaxial Planar Type NPN Silicon Transistor
SUT485J AUK-SUT485J Datasheet
218Kb / 4P
   Epitaxial Planar type NPN Silicon Transistor
logo
Sanyo Semicon Device
2SC3173 SANYO-2SC3173 Datasheet
47Kb / 1P
   NPN Epitaxial Planar Type Silicon Transistor
logo
KEC(Korea Electronics)
KTC2874 KEC-KTC2874_03 Datasheet
405Kb / 3P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE
logo
First Silicon Co., Ltd
FTD2114K FS-FTD2114K Datasheet
126Kb / 4P
   Epitaxial planar type NPN silicon transistor
logo
AUK corp
SUR543J AUK-SUR543J Datasheet
172Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com