전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF1008FCT 데이터시트(PDF) 1 Page - PACELEADER INDUSTRIAL

부품명 UF1008FCT
상세설명  SURFACE MOUNT REVERSE VOLTAGE 50 TO 8800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PACELEADER [PACELEADER INDUSTRIAL]
홈페이지  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

UF1008FCT 데이터시트(HTML) 1 Page - PACELEADER INDUSTRIAL

  UF1008FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL UF1008FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
Case
ITO220AB Full Molded plastic
Marking: Type Number
MIL-STD-202, Method 208 guranteed
Polarity See Diagram
Mounting Position Any
Weight 2.24gram(approx)
Glass Passivated Die Construction
Ultra-Fast Switching
High reliability Capability
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability
Classification 94V-O
ITO-220AB
www.paceleader.tw
UF1000FCT thru UF1008FCT
10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
SURFACE MOUNT REVERSE VOLTAGE
TS
SURFACE MOUNT REVERSE VOLTAGE
50 TO 800 VOL TS
800 VOL
50 TO 8
8
Terminals : Plated Leads Solderable per
@TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF
1000FCT
UF
1001FCT
UF
1002FCT
UF
1003FCT
UF
1004FCT
UF
1006FCT
UF
1008FCT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
V
Average Rectified Output Current
@TC = 100°C
IO
10
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 5.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
400
µA
Reverse Recovery Time (Note 1)
trr
50
100
nS
Typical Junction Capacitance (Note 2)
Cj
80
50
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.


유사한 부품 번호 - UF1008FCT

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
UF1008FCT WTE-UF1008FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1008FCT WTE-UF1008FCT Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1008FCT PANJIT-UF1008FCT Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1008FCT YEASHIN-UF1008FCT Datasheet
40Kb / 2P
   ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
More results

유사한 설명 - UF1008FCT

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1A PACELEADER-US1A Datasheet
129Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
U2A YEASHIN-U2A Datasheet
134Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com