전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si8610BB-B-IS 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 Si8610BB-B-IS
상세설명  Low-Power Single and Dual-Channel Digital Isolators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8610BB-B-IS 데이터시트(HTML) 1 Page - Silicon Laboratories

  Si8610BB-B-IS Datasheet HTML 1Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 2Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 3Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 4Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8610BB-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Si861x/2x Data Sheet
Low-Power Single and Dual-Channel Digital Isolators
Silicon Lab's family of ultra-low-power digital isolators are CMOS devices offering sub-
stantial data rate, propagation delay, power, size, reliability, and external BOM advantag-
es over legacy isolation technologies. The operating parameters of these products re-
main stable across wide temperature ranges and throughout device service life for ease
of design and highly uniform performance. All device versions have Schmitt trigger inputs
for high noise immunity and only require VDD bypass capacitors.
Data rates up to 150 Mbps are supported, and all devices achieve propagation delays of
less than 10 ns. Ordering options include a choice of isolation ratings (2.5, 3.75 and 5
kV) and a selectable fail-safe operating mode to control the default output state during
power loss. All products are safety certified by UL, CSA, VDE, and CQC, and products in
wide-body packages support reinforced insulation withstanding up to 5 kVRMS.
Applications
• Industrial automation systems
• Medical electronics
• Hybrid electric vehicles
• Isolated switch mode supplies
• Isolated ADC, DAC
• Motor control
• Power inverters
• Communications systems
Safety Regulatory Approvals
• UL 1577 recognized
• Up to 5000 VRMS for 1 minute
• CSA component notice 5A approval
• IEC 60950-1, 61010-1, 60601-1 (reinforced insulation)
• VDE certification conformity
• Si862xxT options certified to reinforced VDE 0884-10
• All other options certified to IEC 60747-5-5 and reinforced 60950-1
• CQC certification approval
• GB4943.1
KEY FEATURES
• High-speed operation
• DC to 150 Mbps
• No start-up initialization required
• Wide Operating Supply Voltage
• 2.5–5.5 V
• Up to 5000 VRMS isolation
• Reinforced VDE 0884-10, 10 kV surge-
capable (Si862xxT)
• 60-year life at rated working voltage
• High electromagnetic immunity
• Ultra low power (typical)
5 V Operation
• 1.6 mA per channel at 1 Mbps
• 5.5 mA per channel at 100 Mbps
2.5 V Operation
• 1.5 mA per channel at 1 Mbps
• 3.5 mA per channel at 100 Mbps
• Schmitt trigger inputs
• Selectable fail-safe mode
• Default high or low output (ordering
option)
• Precise timing (typical)
• 10 ns propagation delay
• 1.5 ns pulse width distortion
• 0.5 ns channel-channel skew
• 2 ns propagation delay skew
• 5 ns minimum pulse width
• Transient Immunity 50 kV/µs
• AEC-Q100 qualification
• Wide temperature range
• –40 to 125 °C
• RoHS-compliant packages
• SOIC-16 wide body
• SOIC-8 narrow body
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6


유사한 부품 번호 - Si8610BB-B-IS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8610BB-B-IS SKYWORKS-SI8610BB-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
SI8610BB-B-IS SKYWORKS-SI8610BB-B-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
More results

유사한 설명 - Si8610BB-B-IS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com