전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5341D-D-GM 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 Si5341D-D-GM
상세설명  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5341D-D-GM 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button Si5341D-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 9Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 10Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 11Page - Silicon Laboratories Si5341D-D-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
3.3.3 Input Selection (IN0, IN1, IN2, XA/XB)
The active clock input is selected using the IN_SEL[1:0] pins or by register control. A register bit determines input selection as pin or
register selectable. There are internal pull ups on the IN_SEL pins.
Table 3.1. Manual Input Selection Using IN_SEL[1:0] Pins
IN_SEL[1:0]
Selected Input
0
0
IN0
0
1
IN1
1
0
IN2
1
1
XA/XB
3.4 Fault Monitoring
The Si5340/41-D provides fault indicators which monitor loss of signal (LOS) of the inputs (IN0, IN1, IN2, XA/XB, FB_IN) and loss of
lock (LOL) for the PLL as shown in the figure below.
PLL
LPF
PD
Mn
IN0
IN0b
LOS0
÷P0
IN1
IN1b
÷P1
FB_IN
FB _INb
IN2
IN2b
÷P2
LOL
Si5341/40
XB
XA
OSC
÷Pfb
Md
÷
LOSXAB
LOS1
LOS2
LOSFB
Figure 3.4. LOS and LOL Fault Monitors
3.4.1 Status Indicators
The state of the status monitors are accessible by reading registers through the serial interface or with dedicated pin (LOLb). Each of
the status indicator register bits has a corresponding sticky bit in a separate register location. Once a status bit is asserted its corre-
sponding sticky bit (_FLG) will remain asserted until cleared. Writing a logic zero to a sticky register bit clears its state.
3.4.2 Interrupt Pin (INTRb)
An interrupt pin (INTRb) indicates a change in state with any of the status registers. All status registers are maskable to prevent asser-
tion of the interrupt pin. The state of the INTRb pin is reset by clearing the status registers.
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


유사한 부품 번호 - Si5341D-D-GM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5341D-D-GM SKYWORKS-SI5341D-D-GM Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

유사한 설명 - Si5341D-D-GM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com