전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS90LV017A 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 DS90LV017A
상세설명  LVDS Single High Speed Differential Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV017A 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  DS90LV017A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV017A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV017A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV017A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV017A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV017A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV017A Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS90LV017A
LVDS Single High Speed Differential Driver
General Description
The DS90LV017A is a single LVDS driver device optimized
for high data rate and low power applications. The
DS90LV017A is a current mode driver allowing power dissi-
pation to remain low even at high frequency. In addition, the
short circuit fault current is also minimized. The device is de-
signed to support data rates in excess of 600Mbps
(300MHz) utilizing Low Voltage Differential Signaling (LVDS)
technology.
The device is in a 8-lead small outline package. The
DS90LV017A has a flow-through design for easy PCB lay-
out. The differential driver outputs provides low EMI with its
typical low output swing of 355 mV. The DS90LV017A can be
paired
with
its
companion
single
line
receiver,
the
DS90LV018A, or with any of National’s LVDS receivers, to
provide a high-speed point-to-point LVDS interface.
Features
n >
600 Mbps (300 MHz) switching rates
n
0.3 ns typical differential skew
n
0.7 ns maximum differential skew
n
1.5 ns maximum propagation delay
n
3.3V power supply design
n ±
355 mV differential signaling
n
Low power dissipation (23 mW @ 3.3V static)
n
Flow-through design simplifies PCB layout
n
Interoperable with existing 5V LVDS devices
n
Power Off Protection (outputs in high impedance)
n
Conforms to TIA/EIA-644 Standard
n
8-Lead SOIC package saves space
n
Industrial temperature operating range
(−40˚C to +85˚C)
Connection Diagram
Functional Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line
DS100101-1
Order Number DS90LV017ATM
See NS Package Number M08A
DS100101-2
March 2000
© 2000 National Semiconductor Corporation
DS100101
www.national.com


유사한 부품 번호 - DS90LV017A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DS90LV017A NSC-DS90LV017A Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017ATM NSC-DS90LV017ATM Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV017ATM TI1-DS90LV017ATM Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
DS90LV017ATM TI1-DS90LV017ATM Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
DS90LV017ATM/NOPB TI1-DS90LV017ATM/NOPB Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
More results

유사한 설명 - DS90LV017A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV011A NSC-DS90LV011A Datasheet
144Kb / 6P
   3V LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV017ATMX TI1-DS90LV017ATMX Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
DS90LV017ATMX TI1-DS90LV017ATMX Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
DS90LV011A TI1-DS90LV011A_16 Datasheet
777Kb / 13P
[Old version datasheet]   3V LVDS Single High Speed Differential Driver
DS90LV011ATMFX TI-DS90LV011ATMFX Datasheet
756Kb / 13P
[Old version datasheet]   DS90LV011A 3V LVDS Single High Speed Differential Driver
DS90LV011ATMF TI1-DS90LV011ATMF Datasheet
810Kb / 13P
[Old version datasheet]   DS90LV011A 3V LVDS Single High Speed Differential Driver
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com