전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1203 데이터시트(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

부품명 2SA1203
상세설명  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
홈페이지  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

2SA1203 데이터시트(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  2SA1203 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 2SA1203 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
• Suitable for output stage of3 watts Amplifier
• Suitable flat package
• PC=1.0 to 2.0W(mounted on ceramic substrate)
• Complementary to 2SC2884
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-1500
mA
Collector Power dissipation
PC
500
1000 (note)
mW
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-emitter
breakdown
voltage
VCEO
IC=-10mA,IB=0
-30
V
Emitter-base
breakdown
voltage
VEBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V,IC=-500mA
100
320
Collector-emitter
saturation
voltage
VCE(sat)
IC=-1.5A,IB=-0.03A
-2
V
Base-emitter
VBE
VCE=-2V,IC=-500mA
-1
Transition
frequency
fT
VCE=-2V, IC=-500mA
120
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
50
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
HO1
HY1
2SA1203 (PNP)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER


유사한 부품 번호 - 2SA1203

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203 Datasheet
156Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
Jiangsu Changjiang Elec...
2SA1203 JIANGSU-2SA1203 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1203 TEL-2SA1203 Datasheet
101Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1203 BILIN-2SA1203 Datasheet
164Kb / 4P
   Silicon Planar Epitaxial Transistor
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
More results

유사한 설명 - 2SA1203

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com