전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4731 데이터시트(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

부품명 1N4731
상세설명  Glass-Encapsulate Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
홈페이지  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

1N4731 데이터시트(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  1N4731 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N4731 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N4731 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page:P3-P2
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
1N4728-1N4764
Type
Nominal zener
voltage
Test
c urrent
Maximum dynamic
impedance
Maximum reverse leakage
current
Max surge
c urrent
8.3ms
Maximum
regulator
current
V z@IZT
IZT
ZZT@IZT ZZK@IZK IZK
IR
@VR
IR@Tam b
=25
IZM @Tam b
=50
(V)
(mA)
(Ω)
(Ω)
(m A)
(uA)
(V)
(mA)
(mA)
1N4728
3.3
76
10
400
1.0
100
1
1380
276
1N4729
3.6
69
10
400
1.0
100
1
1260
252
1N4730
3.9
64
9
400
1.0
50
1
1190
234
1N4731
4.3
58
9
400
1.0
10
1
1070
217
1N4732
4.7
53
8
500
1.0
10
1
970
193
1N4733
5.1
49
7
550
1.0
10
1
890
178
1N4734
5.6
45
5
600
1.0
10
2
810
462
1N4735
6.2
41
2
700
1.0
10
3
730
146
1N4736
6.8
37
3.5
700
1.0
10
4
660
133
1N4737
7.5
34
4.0
700
0.5
10
5
605
121
1N4738
8.2
31
4.5
700
0.5
10
6
550
110
1N4739
9.1
28
5.0
700
0.5
10
7
500
100
1N4740
10
25
7
700
0.25
10
7.6
454
91
1N4741
11
23
8
700
0.25
5
8.4
414
83
1N4742
12
21
9
700
0.25
5
9.1
380
76
1N4743
13
19
10
700
0.25
5
9.9
344
69
1N4744
15
17
14
700
0.25
5
11.4
304
61
1N4745
16
15.5
16
700
0.25
5
12.2
285
57
1N4746
18
14
20
750
0.25
5
13.7
250
50
1N4747
20
12.5
22
750
0.25
5
15.2
225
45
1N4748
22
11.5
23
750
0.25
5
16.7
205
41
1N4749
24
10.5
25
750
0.25
5
18.2
190
38
1N4750
27
9.5
35
750
0.25
5
20.6
170
34
1N4751
30
8.5
40
1000
0.25
5
22.8
150
30
1N4752
33
7.5
45
1000
0.25
5
25.1
135
27
1N4753
36
7.0
50
1000
0.25
5
27.4
125
25
1N4754
39
6.5
60
1000
0.25
5
29.7
115
23
1N4755
43
6.0
70
1500
0.25
5
32.7
110
22
1N4756
47
5.5
80
1500
0.25
5
35.8
95
19
1N4757
51
5.0
95
1500
0.25
5
38.8
90
18
1N4758
56
4.5
110
2000
0.25
5
42.6
80
16
1N4759
62
4.0
125
2000
0.25
5
47.1
70
14
1N4760
68
3.7
150
2000
0.25
5
51.7
65
13
1N4761
75
3.3
175
2000
0.25
5
56.0
60
12
1N4762
82
3.0
200
3000
0.25
5
62.2
55
11
1N4763
91
2.8
250
3000
0.25
5
69.2
50
10
1N4764
100
2.5
350
3000
0.25
5
79.0
45
9
The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal,to 10% of the Zener Current
(IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure,a sharp knee on the breakdown curve and to eliminate
unstable units.


유사한 부품 번호 - 1N4731

제조업체부품명데이터시트상세설명
logo
Surge Components
1N4731 SURGE-1N4731 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4731 JINANJINGHENG-1N4731 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4731 DIGITRON-1N4731 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4731 SEMTECH-1N4731 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4731 SSC-1N4731 Datasheet
173Kb / 3P
   Zener Diodes
More results

유사한 설명 - 1N4731

제조업체부품명데이터시트상세설명
logo
GUANGDONG HOTTECH INDUS...
HZ2A1 HOTTECH-HZ2A1 Datasheet
385Kb / 4P
   Glass-Encapsulate Diodes
1N4148 HOTTECH-1N4148 Datasheet
261Kb / 2P
   Glass-Encapsulate Diodes
1N5221 HOTTECH-1N5221 Datasheet
772Kb / 3P
   Glass-Encapsulate Diodes
logo
Jiangsu High diode Semi...
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
   MELF Glass-Encapsulate Diodes
ZMM55-SERIES HDSEMI-ZMM55-SERIES Datasheet
1Mb / 7P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60_18 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LLDB3 HDSEMI-LLDB3 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100_18 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com