전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4735 데이터시트(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

부품명 1N4735
상세설명  Glass-Encapsulate Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
홈페이지  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

1N4735 데이터시트(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  1N4735 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N4735 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N4735 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page:P3-P1
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
ZENER DIODES
MECHANICAL DATA
Cas e:DO-41, glass case
Terminals : solderable per MIL-STD-202, method 208
Polarity: cathode band
Marking: type number
Approx. weight: 0.35 grams
ABSOLUTE MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Power dissipation @ Tamb 50
PDiss
1.0
1)
W
Z-current
I
Z
P
V/VZ
mA
Junction temperature
TJ
200
Storage temperature range
Ts
-55---+200
Junction ambient I=9.5mm(3/8
), T
L=constant
R
ThJA
100
K/W
1)Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Forward voltage at IF=200mA
V
F
1.2
V
1N4728-1N4764
FEATURES
For use in stabilizing and clipping circuits with high
power rating.Standard
zener
voltage tolerance is ±10%.
Add suffix "A" for ±5% tolerance.
25.4 Min
25.4 Min
4.2 Max
0.7 Max
2.8 Max
DO-41 Dimensions in millimeters


유사한 부품 번호 - 1N4735

제조업체부품명데이터시트상세설명
logo
Surge Components
1N4735 SURGE-1N4735 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4735 JINANJINGHENG-1N4735 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4735 DIGITRON-1N4735 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4735 SEMTECH-1N4735 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4735 SSC-1N4735 Datasheet
173Kb / 3P
   Zener Diodes
More results

유사한 설명 - 1N4735

제조업체부품명데이터시트상세설명
logo
GUANGDONG HOTTECH INDUS...
HZ2A1 HOTTECH-HZ2A1 Datasheet
385Kb / 4P
   Glass-Encapsulate Diodes
1N4148 HOTTECH-1N4148 Datasheet
261Kb / 2P
   Glass-Encapsulate Diodes
1N5221 HOTTECH-1N5221 Datasheet
772Kb / 3P
   Glass-Encapsulate Diodes
logo
Jiangsu High diode Semi...
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
   MELF Glass-Encapsulate Diodes
ZMM55-SERIES HDSEMI-ZMM55-SERIES Datasheet
1Mb / 7P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60_18 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LLDB3 HDSEMI-LLDB3 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100_18 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com