전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-16.9344-20 데이터시트(PDF) 1 Page - Raltron Electronics Corporation

부품명 A-16.9344-20
상세설명  MICROPROCESSOR CRYSTAL UNIT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RALTRON [Raltron Electronics Corporation]
홈페이지  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

A-16.9344-20 데이터시트(HTML) 1 Page - Raltron Electronics Corporation

  A-16.9344-20 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16.9344 MHz
FUNDAMENTAL
SPECIFICATIONS:
FREQUENCY TOLERANCE AT 25°C:
MODE OF OSCILLATION:
FREQUENCY STABILITY OVER
STORAGE TEMPERATURE RANGE:
AGING:
LOAD CAPACITANCE:
DRIVE LEVEL:
SHUNT CAPACITANCE:
EQUIVALENT SERIES RESISTANCE:
HOLDER TYPE:
±30 PPM MAX
±50 PPM MAX
±5 PPM PER YEAR MAX
20 pF
CAGE CODE:
VUE
RALTRON
DRAWING TITLE:
DRAWING NUMBER:
MICROPROCESSOR CRYSTAL UNIT
A-16.9344-20
APPROVED
DATE
REVISIONS
LTR
A
INITIAL RELEASE
10651 NW 19TH STREET
MIAMI, FL 33172
ALL DIMENSIONS ARE IN mm/inch
UNLESS OTHERWISE SPECIFIED
DRAWN BY:
Part Generator
CHECKED BY:
APPROVED BY:
SCALE:
DATE:
SHEET 1 OF
25 OHMS MAX
7 pF MAX
-55°C TO +125°C
4/22/03
TEMPERATURE RANGE:
HC-49/U AS SHOWN
-20°C TO +70°C
OPERATING TEMPERATURE RANGE:
100 µW TYP, 1000 µW MAX
NOMINAL FREQUENCY:


유사한 부품 번호 - A-16.9344-20

제조업체부품명데이터시트상세설명
logo
Raltron Electronics Cor...
A-16.000-20 RALTRON-A-16.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results

유사한 설명 - A-16.9344-20

제조업체부품명데이터시트상세설명
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-30.000-20 RALTRON-A-30.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-16.000-20 RALTRON-A-16.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-20.000-20 RALTRON-A-20.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-24.576-20 RALTRON-A-24.576-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-32.768-10-3OT RALTRON-A-32.768-10-3OT Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-33.000-20 RALTRON-A-33.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-33.000-14-FUND RALTRON-A-33.000-14-FUND Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-4.000-20 RALTRON-A-4.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com