전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5508-BSZ 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS5508-BSZ
상세설명  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5508-BSZ 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS5508-BSZ Datasheet HTML 5Page - Cirrus Logic CS5508-BSZ Datasheet HTML 6Page - Cirrus Logic CS5508-BSZ Datasheet HTML 7Page - Cirrus Logic CS5508-BSZ Datasheet HTML 8Page - Cirrus Logic CS5508-BSZ Datasheet HTML 9Page - Cirrus Logic CS5508-BSZ Datasheet HTML 10Page - Cirrus Logic CS5508-BSZ Datasheet HTML 11Page - Cirrus Logic CS5508-BSZ Datasheet HTML 12Page - Cirrus Logic CS5508-BSZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
5V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 10%;
VA- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
SSC Mode (M/SLP = VD+)
Access Time:
CS Low to SDATA out (DRDY = low)
DRDY falling to MSB (CS = low)
tcsd1
tdfd
-
-
-
2/fclk
2/fclk
3/fclk
ns
ns
SDATA Delay Time:
SCLK falling to next SDATA bit
tdd1
-
80
250
ns
SCLK Delay Time
SDATA MSB bit to SCLK rising
tcd1
-1/fclk
-ns
Serial Clock (Out)
Pulse Width High
Pulse Width Low
tph1
tpl1
-
-
1/fclk
1/fclk
-
-
ns
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK rising to SDATA Hi-Z
tfd1
tfd2
-
-
-
1/fclk
2/fclk
-
ns
ns
SEC Mode (M/SLP = DGND)
Serial Clock (In)
fsclk
0-
2.5
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph2
tpl2
200
200
-
-
-
-
ns
ns
Access Time:
CS Low to data valid (Note 17)
tcsd2
-
60
200
ns
Maximum Delay time:
(Note 18)
SCLK falling to new SDATA bit
tdd2
-
150
310
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK falling to SDATA Hi-Z
tfd3
tfd4
-
-
60
160
150
300
ns
ns
Notes: 16. If CS is returned high before all data bits are output, the SDATA and SCLK outputs will complete the
current data bit and then go to high impedance.
17. If CS is activated asynchronously to DRDY, CS will not be recognized if it occurs when DRDY is high
for 2 clock cycles. The propagation delay time may be as great as 2 fclk cycles plus 200 ns. To
guarantee proper clocking of SDATA when using asynchronous CS, SCLK(i) should not be taken high
sooner than 2 fclk + 200 ns after CS goes low.
18. SDATA transitions on the falling edge of SCLK. Note that a rising SCLK must occur to enable the
serial port shifting mechanism before falling edges can be recognized.
CS5505/6/7/8
DS59F4
9
CS5505/6/7/8
DS59F5
9


유사한 부품 번호 - CS5508-BSZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5508-BSZ CIRRUS-CS5508-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5508-BSZ CIRRUS-CS5508-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
More results

유사한 설명 - CS5508-BSZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
API Technologies Corp
MN5250 APITECH-MN5250 Datasheet
854Kb / 4P
   Low-Power CMOS, 12-bit A/D Converters
logo
DATEL, Inc.
DAC-1412 DATEL-DAC-1412 Datasheet
438Kb / 6P
   14-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-1212 DATEL-DAC-1212 Datasheet
525Kb / 7P
   12-Bit, 125MSPS, Low-Power D/A Converters
DAC-1225 DATEL-DAC-1225 Datasheet
435Kb / 6P
   12-Bit, 250MSPS, Low-Power D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com