전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2574 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LM2574
상세설명  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574 데이터시트(HTML) 1 Page - ON Semiconductor

  LM2574_15 Datasheet HTML 1Page - ON Semiconductor LM2574_15 Datasheet HTML 2Page - ON Semiconductor LM2574_15 Datasheet HTML 3Page - ON Semiconductor LM2574_15 Datasheet HTML 4Page - ON Semiconductor LM2574_15 Datasheet HTML 5Page - ON Semiconductor LM2574_15 Datasheet HTML 6Page - ON Semiconductor LM2574_15 Datasheet HTML 7Page - ON Semiconductor LM2574_15 Datasheet HTML 8Page - ON Semiconductor LM2574_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 9
1
Publication Order Number:
LM2574/D
LM2574, NCV2574
0.5 A, Adjustable Output
Voltage, Step-Down
Switching Regulator
The LM2574 series of regulators are monolithic integrated circuits
ideally suited for easy and convenient design of a step−down
switching regulator (buck converter). All circuits of this series are
capable of driving a 0.5 A load with excellent line and load regulation.
These devices are available in fixed output voltages of 3.3 V, 5.0 V,
12 V, 15 V, and an adjustable output version.
These regulators were designed to minimize the number of external
components to simplify the power supply design. Standard series of
inductors optimized for use with the LM2574 are offered by several
different inductor manufacturers.
Since the LM2574 converter is a switch−mode power supply, its
efficiency is significantly higher in comparison with popular
three−terminal linear regulators, especially with higher input voltages.
In most cases, the power dissipated by the LM2574 regulator is so low,
that the copper traces on the printed circuit board are normally the only
heatsink needed and no additional heatsinking is required.
The LM2574 features include a guaranteed
±4% tolerance on output
voltage within specified input voltages and output load conditions, and
±10% on the oscillator frequency (±2% over 0°C to +125°C). External
shutdown is included, featuring 60
mA (typical) standby current. The
output switch includes cycle−by−cycle current limiting, as well as
thermal shutdown for full protection under fault conditions.
Features
3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.23 to 37 V ±4% max
over Line and Load Conditions
Guaranteed 0.5 A Output Current
Wide Input Voltage Range: 4.75 to 40 V
Requires Only 4 External Components
52 kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available*
Applications
Simple and High−Efficiency Step−Down (Buck) Regulators
Efficient Pre−regulator for Linear Regulators
On−Card Switching Regulators
Positive to Negative Converters (Buck−Boost)
Negative Step−Up Converters
Power Supply for Battery Chargers
*For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
1
16
SO−16 WB
DW SUFFIX
CASE 751G
PIN CONNECTIONS
*
(Top View)
12
Pwr Gnd
ON/OFF
*
*
*
*
11
10
9
5
6
7
8
*
16
*
*
FB
Sig Gnd
Output
*
Vin
15
14
13
1
2
3
4
*
* No internal connection, but should be soldered to
* PC board for best heat transfer.
*
(Top View)
8
FB
Sig Gnd
ON/OFF
Pwr Gnd
Output
*
Vin
7
6
5
1
2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 24 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 24 of this data sheet.
DEVICE MARKING INFORMATION
PDIP−8
N SUFFIX
CASE 626
1
8
www.onsemi.com


유사한 부품 번호 - LM2574_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

유사한 설명 - LM2574_15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com