전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS51414ED8G 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 CS51414ED8G
상세설명  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51414ED8G 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button CS51414ED8G Datasheet HTML 7Page - ON Semiconductor CS51414ED8G Datasheet HTML 8Page - ON Semiconductor CS51414ED8G Datasheet HTML 9Page - ON Semiconductor CS51414ED8G Datasheet HTML 10Page - ON Semiconductor CS51414ED8G Datasheet HTML 11Page - ON Semiconductor CS51414ED8G Datasheet HTML 12Page - ON Semiconductor CS51414ED8G Datasheet HTML 13Page - ON Semiconductor CS51414ED8G Datasheet HTML 14Page - ON Semiconductor CS51414ED8G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
11
Figure 15. SHDNB pin equivalent internal circuit (a)
and practical interface examples (b), (c).
0.65V
20k
8V
SHDNB
To internal
bias rails
SHDNB
2V to 5V
SHDNB
(a)
(b)
(c)
Z1
Q1
Q2
D1
VIN
I1
5mA
Figure 15(a) depicts the SHDNB pin equivalent internal
circuit. If the pin is open, current source I1 flows into the
base of Q1, turning both Q1 and Q2 on. In turn, Q2 collector
current enables the various internal power rails. In
Figure 15(b), a standard logic gate is used to pull the pin low
by shunting I1 to ground, which places the IC in sleep
(shutdown) mode. Note that, when the gate output is logical
high, the voltage at the SHDNB pin will rise to the internal
clamp voltage of 8 V. This level exceeds the maximum
output rating for most common logic families. Protection
Zener diode Z1 permits the pin voltage to rise high enough
to enable the IC, but remain less than the gate output voltage
rating. In Figure 15(c), a single open-collector general-
purpose NPN transistor is used to pull the pin low. Since
transistors generally have a maximum collector voltage
rating in excess of 8 V, the protection Zener diode in
Figure 15(b) is not required.
Startup
During power up, the regulator tends to quickly charge up
the output capacitors to reach voltage regulation. This gives
rise to an excessive in−rush current which can be detrimental
to the inductor, IC and catch diode. In V2 control, the
compensation capacitor provides Soft−Start with no need
for extra pin or circuitry. During the power up, the Output
Source Current of the error amplifier charges the
compensation capacitor which forces VC pin and thus output
voltage ramp up gradually.
The Soft−Start duration can be calculated by
TSS +
VC
CCOMP
ISOURCE
where:
VC = VC pin steady−state voltage, which is approximately
equal to error amplifier’s reference voltage.
CCOMP = Compensation capacitor connected to the VC pin
ISOURCE = Output Source Current of the error amplifier.
Using a 0.1
mF CCOMP, the calculation shows a TSS over
5.0 ms which is adequate to avoid any current stresses.
Figure 16 shows the gradual rise of the VC, VO and envelope
of the VSW during power up. There is no voltage overshoot
after the output voltage reaches the regulation. If the supply
voltage rises slower than the VC pin, output voltage may
overshoot.
Figure 16. The Power Up Transition of CS5141X
Regulator
Short Circuit
When the VFB pin voltage drops below Foldback
Threshold, the regulator reduces the peak current limit by
40% and switching frequency to 1/4 of the nominal
frequency. These features are designed to protect the IC and
external components during overload or short circuit
conditions. In those conditions, peak switching current is
clamped to the current limit threshold. The reduced
switching frequency significantly increases the ripple
current, and thus lowers the DC current. The short circuit can
cause the minimum duty cycle to be limited by Minimum
Output Pulse Width. The foldback frequency reduces the
minimum duty cycle by extending the switching cycle. This
protects the IC from overheating, and also limits the power
that can be transferred to the output. The current limit
foldback effectively reduces the current stress on the
inductor and diode. When the output is shorted, the DC
current of the inductor and diode can approach the current
limit threshold. Therefore, reducing the current limit by 40%
can result in an equal percentage drop of the inductor and
diode current. The short circuit waveforms are captured in


유사한 부품 번호 - CS51414ED8G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51414ED8G ONSEMI-CS51414ED8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51414ED8G ONSEMI-CS51414ED8G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

유사한 설명 - CS51414ED8G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com