전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1086CM3.3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 GS1086CM3.3
상세설명  1.5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1086CM3.3 데이터시트(HTML) 1 Page - Vishay Siliconix

  GS1086CM3.3 Datasheet HTML 1Page - Vishay Siliconix GS1086CM3.3 Datasheet HTML 2Page - Vishay Siliconix GS1086CM3.3 Datasheet HTML 3Page - Vishay Siliconix GS1086CM3.3 Datasheet HTML 4Page - Vishay Siliconix GS1086CM3.3 Datasheet HTML 5Page - Vishay Siliconix GS1086CM3.3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GS1086
Vishay Semiconductors
formerly General Semiconductor
Document Number 74801
www.vishay.com
12-Mar-02
1
New Product
1.5A Low Dropout
Positive Adjustable Regulator
Description
The GS1086 is a low dropout three terminal regulator with
1.5A output current capability. The output voltage is
adjustable with the use of a resistor divider. For fixed out-
put voltage versions, the output voltage is internally set at
2.5V, 2.85V, 3.3V or 5V. Dropout is guaranteed at a maxi-
mum of 1.5V at maximum output current. Its low dropout
voltage and fast transient response make it ideal for low
voltage microprocessor applications. Internal current and
thermal limiting provides protection against any overload
condition that would create excessive junction temperatures.
Applications
• Post Regulator for Switching Supply
• Battery Chargers
• Constant-Current Regulators
• PC Add-On Card
Mechanical Data
Case: TO-220AB, TO-263AB (D2PAK),
TO-252 (DPAK) and SOT-223
High temperature soldering guaranteed:
260°C/10 seconds at terminals
Case outlines are on the back page
+
+
--
For
fixed
voltage
device
Thermal
Limit
Current
Amp
Current
Limit
GM
VOUT
VIN
ADJ
GND
VREF
1.25V
55
µA
Functional Block Diagram
Features
• Dropout Voltage 1.3V at 1.5A Output Current
• Fast Transient Response
• Line Regulation typically at 0.015%
• Load Regulation typically at 0.1%
• Internal thermal and current limiting
• Adjustable Output Voltage or Fixed 2.5V, 2.85V,
3.3V, 5V
• Standard 3-Pin Power Packages
TO-220AB
TO-263AB
(D2Pak)
GS1086CT
GS1086CM
GS1086CE
TO-252
(DPak)
1
2
3
1
2
3
1
2
3
GS1086CST
SOT-223
1
2
3
Pin Definition
1. Adjust/Gnd.
2. Vout (tab)
3. Vin


유사한 부품 번호 - GS1086CM3.3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CE1.8 VISHAY-GS1084CE1.8 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CE2.5 VISHAY-GS1084CE2.5 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CE3.3 VISHAY-GS1084CE3.3 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CM1.8 VISHAY-GS1084CM1.8 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
More results

유사한 설명 - GS1086CM3.3

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086_10 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com